Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 17Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 13 of 37
TIMING SPECIFICATIONS
All input signals are specified with tR = tF = 2 ns (10% to 90% of DVDD) and timed from a voltage threshold level of VTH = 1.3 V at
DVDD = 3.3 V or VTH =1.7 V at DVDD = 5 V. Guaranteed by characterization; not production tested. See Figure 2 and Figure 3.
Table 9.
DVDD = 3.3 V
DVDD = 5 V
Parameter
Description1
Min
Max
Min
Max
Unit
t1
SCLK period.
20
20
ns
t2
SCLK positive pulse width.
10
10
ns
t3
SCLK negative pulse width.
10
10
ns
t4
CS setup time. The time required to begin sampling data after CS goes low.
1
1
ns
t5
CS hold time. The amount of time required for CS to be held low after the last data bit
is sampled before bringing CS high. Data is latched on the CS rising edge. If LATCH is
held low, data is also applied on the CS rising edge.
7
5
ns
t6
CS positive pulse width. The amount of time required between consecutive words.
2
1
ns
t7
Data setup time. The amount of time the data bit (SDI) must be set before sampling
on the falling edge of SCLK.
1
1
ns
t8
Data hold time. The amount of time SDI must be held after the falling edge of SCLK
for valid data to be sampled.
2
2
ns
t9
Data latched to the internal switches updated. The amount of time it takes from the
latched data being applied until the internal switches are updated.
145
140
ns
LATCH disabled referenced from the rising edge of CS.
LATCH enabled referenced from the falling edge of LATCH.
t10
LATCH negative pulse width.
3
3
ns
t112
SCLK rising edge to SDO valid. The amount of time between the SCLK rising edge
and the valid SDO transitions (CLSDO3 = 20 pF).
15
10
ns
t12
CS rising edge to the SCLK falling edge. The amount of time required to prevent a
25th SCLK edge from being recognized (only 24 bits allowed for valid word).
1
1
ns
1
When referring to a single function of a multifunction pin, only the portion of the pin name that is relevant to the specification is listed. For full pin names of
multifunction pins, refer to the Pin Configuration and Function Descriptions section.
2
This is while in daisy-chain mode and in readback mode.
3
CLSDO is the capacitive load on the SDO output.
Timing Diagrams for Serial Mode
t4
t5
t2
t8
t7
t1
t9
t9
t10
t6
SCLK
SDI
23
22
21
20
19
18
17
16
15
14
13
12
11
10
8
9
CS
7
6
5
4
3
2
0
1
INTERNAL
SWITCHES
POSITION
SWITCHES
UPDATED
t3
INTERNAL
SWITCHES
POSITION
SWITCHES
UPDATED
LATCH
VTH
VTH
VTH
VTH
LATCH ENABLED: LATCHED DATA APPLIED ON FALLING EDGE OF LATCH
LATCH DISABLED: DATA LATCHED AND APPLIED ON RISING EDGE OF CS
Figure 2. Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com