Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 17Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 18Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 19Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 20Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 21Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 22Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 18 of 37
–110
–100
–90
–80
–70
–60
–50
FREQUENCY (kHz)
+PSRR
–PSRR
100
10
1
0.1
VS = ±5V
Figure 12. PSRR vs. Frequency
–0.3
0
20
40
60
80
100 120 140 160 180 200 220 240
–0.2
–0.1
0
0.1
0.2
0.3
TIME (ns)
VS = ±5V
VOUT = 4V p-p
TIA GAIN = –5, ADC DRIVER GAIN = +1
Figure 13. 0.1% Settling Time, See Test Circuit in Figure 49
0
100
200
300
400
500
600
–5
–4
–3
–2
–1
0
1
2
3
4
5
COMMON-MODE VOLTAGE (VCM)
VS = ±5 V
SAMPLE SWITCH AT 85°C
SAMPLE SWITCH AT 25°C
FEEDBACK SWITCH AT 25°C
FEEDBACK SWITCH AT 85°C
Figure 14. Switch On-Resistance vs. Common-Mode Voltage at
Switches for Various Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com