Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 23Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 24Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 25Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 26Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 27Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 28Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 29Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 30Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 26 of 37
TEST CIRCUITS
LPF
FUNCTION
GENERATOR
1kΩ
5kΩ
1kΩ
1kΩ
VOUT1
MEASURE
DISTORTION WITH
DIFFERENTIAL
OUTPUT
VOUT2
DIFFERENTIAL GAIN = 1
ADC DRIVER
FET AMP
G = –5
P1
M1
825Ω
500Ω
500Ω
500Ω
Figure 48. Harmonic Distortion for Full System
1kΩ
5kΩ
1kΩ
1kΩ
VOUT1
MEASURE PARAMETERS
AT DIFFERENTIAL
OUTPUT
VOUT2
DIFFERENTIAL GAIN = 1
ADC DRIVER
FET AMP
G = –5
P1
M1
825Ω
500Ω
VIN
500Ω
500Ω
Figure 49. Full System Measurement for Other Parameters
CF
RF
RL
MEASURE
FREQUENCY
RESPONSE
RG
G = 1 +
RF
RG
AC SIGNAL
OF DIFFERENCE
FREQUENCY
FET
AMP
Figure 50. Frequency Response for FET Input Amplifier,
Noninverting Gain Configuration
CF
RF
MEASURE
FREQUENCY
RESPONSE
RG
G =
–RF
RG
FET
AMP
AC SIGNAL
OF DIFFERENCE
FREQUENCY
Figure 51. Frequency Response for FET Input Amplifier,
Inverting Gain Configuration
G = +1
INPUT REFERRED NOISE VN = OUTPUT NOISE
MEASURE OUTPUT
NOISE HERE
P1
VN
Figure 52. Input Referred Voltage Noise for P1
MEASURE OUTPUT
REFERED VOLTAGE
NOISE HERE
INSIDE CHIP
P1
M1
1kΩ
500Ω
1kΩ
Figure 53. Output Referred Voltage Noise for P1 and M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com