Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 6 of 37
±5 V ADC DRIVER
TA = 25°C, +VS = +5 V, −VS = −5 V, unless otherwise specified. See Figure 1 for the P1 and M1 amplifiers. RL = 1 kΩ when differential,
and RL = 500 Ω when single-ended.
Table 4.
Parameter
Test Conditions/Comments1
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
When used differentially, VOUT = 0.1 V p-p
38
MHz
When used differentially, VOUT = 2.0 V p-p
16
MHz
When P1 is used, VOUT = 50 mV p-p
55
MHz
When P1 is used, VOUT = 1.0 V p-p
17
MHz
When M1 is used, VOUT = 50 mV p-p
45
MHz
When M1 is used, VOUT = 1.0 V p-p
21
MHz
Overdrive Recovery Time
Positive recovery/negative recovery for P1
200/180
ns
Positive recovery/negative recovery for M1
100/100
ns
Slew Rate
When differentially used, VOUT = 2 V step
57
V/µs
When P1 or M1 is single-ended, VOUT = 1 V step
30
V/µs
Settling Time 0.1%
When used differentially, VOUT = 2 V step
95
ns
When P1 is used, VOUT = 1 V step
80
ns
When M1 is used, VOUT = 1 V step
80
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (HD2/HD3)
When used differentially, fC = 100 kHz, VOUT = 4 V p-p
−105/−109
dBc
When used differentially, fC = 1 MHz, VOUT = 4 V p-p
−75/−73
dBc
When P1 is used, fC = 100 kHz, VOUT = 2 V p-p
−112/−108
dBc
When P1 is used, fC = 1 MHz, VOUT = 2 V p-p
−75/−73
dBc
When M1 is used, fC = 100 kHz, VOUT = 2 V p-p
−98/−103
dBc
When M1 is used, fC = 1 MHz, VOUT = 2 V p-p
−70/−69
dBc
Referred to Input (RTI) Voltage Noise
For P1, f = 10 Hz
55
nV/√Hz
For P1, f = 100 kHz
5
nV/√Hz
Referred to Output (RTO) Voltage Noise
For P1 and M1, f = 10 Hz , measured at VOUT2
95
nV/√Hz
For P1 and M1, f = 100 kHz, measured at VOUT2
16
nV/√Hz
Input Current Noise
f = 100 kHz, referred to P1
1.1
pA/√Hz
DC PERFORMANCE
Output Offset Voltage
Differential
0.125
0.5
mV
Output Offset Voltage Drift
Differential
0.7
13
µV/°C
Input Offset Voltage
Single-ended, P1 only
50
180
µV
Single-ended, M1 only
40
180
µV
Input Offset Voltage Drift
Single-ended, P1 only
0.2
4.75
µV/°C
Single-ended, M1 only
0.4
3.6
µV/°C
Input Bias Current
P1 only at VIN1 pin
60
220
nA
P1 only at RF1 pin
60
325
nA
M1 at REF pin
60
200
nA
Input Offset Current
P1 only
60
260
nA
Open-Loop Gain
P1 only, VOUT = ±2 V
102
112
dB
Gain
M1 only
1.99
1.9996
2.01
V/V
Gain Error
−0.5
+0.5
%
Gain Error Drift
0.6
1.9
ppm/°C
INPUT CHARACTERISTICS
Input Resistance
VIN1 and REF
200
MΩ
Input Capacitance
VIN1 and REF
1.4
pF
Input Common-Mode Voltage Range
−5
+3.8
V
Common-Mode Rejection Ratio
For P1, VCM = ±3.0 V
82
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com