Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 30Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 31Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 32Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 33Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 34Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 35Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 36Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 37Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 36 of 37
USING THE T NETWORK TO IMPLEMENT LARGE
FEEDBACK RESISTOR VALUES
Large feedback resistors (>1 MΩ) can cause the two following
issues in the transimpedance amplifier design:
If the parasitic capacitance of the feedback resistor exceeds
the optimal compensation value, it can significantly reduce
the TIA signal bandwidth.
If the required compensation capacitance is too low
(<1 pF), it is not practical to choose a feedback capacitor.
The T network (the RFx, R2, and R1 resistors) maintains the
transimpedance gain and signal bandwidth with a lower
feedback resistor and a resistive gain network, as shown in
Figure 70.
CFx
ZF
RFx
RL
VOUT
R1
R2
TIA
IPHOTO
Figure 70. T Network
The relationship between the transimpedance VOUT/IPHOTO and
the T network resistors (RFx, R1, and R2) can be expressed as


F
F
PHOTO
OUT
Z
R2
R1
R2
Z
I
V
1
(10)
where:
VOUT is the output voltage of the TIA.
IPHOTO is the input photodiode current.
ZF = RFx/((RFx × CFx)s + 1), where RFx and CFx are the feedback
resistor and capacitor, respectively, of any of the chosen
transimpedance gain paths.
R1 and R2 are the T network gain resistors.
If ZF >> R2, the transimpedance equation is simplified to
 
R1
R2
s
C
R
R
I
V
Fx
Fx
x
F
PHOTO
OUT
1
1
)
(
Therefore, as compared to the standard TIA design, the T network
uses a feedback resistor value that is 1/(1 + R1/R2) smaller to
obtain the same transimpedance. This eliminates the concern of
the high parasitic capacitance associated with the large feedback
resistor. To maintain the same signal bandwidth (or same pole),
increase CF by a factor of 1 + R2/R1 to eliminate concerns of an
impractical small compensation capacitor.
As compared to a standard TIA design, the T network is noisier
because the dominant voltage noise density is amplified by the
gain factor 1 + R2/R1.
Figure 71 shows the ADA4350 configured as a 1 MΩ trans-
impedance path and its T network equivalent. Figure 72 compares
the performance of the 1 MΩ path and the equivalent T network
with and without compensation capacitors.
3.3pF
100kΩ
0.5pF
1MΩ
RL
VOUT
111Ω
1kΩ
TIA
IPHOTO
CD = 91pF
Figure 71. 1 MΩ Transimpedance Path and its Equivalent T Network
FREQUENCY (Hz)
10k
100k
1M
10M
10k
100k
1M
1k
10M
VS = ±5V, DVDD = +5V
CD = 91pF
RF = 1MΩ
1MΩ T NETWORK EQUIVALENT
RF = 1MΩ, CF = 500fF
1MΩ T NETWORK EQUIVALENT, CF = 3.3pF
Figure 72. Comparing the 1 MΩ Transimpedance Path and
T Network Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com