Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 17Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 18Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 19Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 20Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 21Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 17 of 37
TYPICAL PERFORMANCE CHARACTERISITICS
FULL SYSTEM
These plots are for the full system, which includes the FET input amplifier, the switching network, and the ADC driver. Unless otherwise stated,
RL = 1 kΩ differential. For Vs = ±5 V, DVDD = +5 V, and for Vs = +5 V (or ±2.5 V), DVDD = +3.3 V.
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
FREQUENCY (MHz)
RF = 5kΩ
VOUT = 200mV p-p
G = –5
VS = ±5V
VS = +5V
Figure 6. Small Signal Frequency Response for Various Supplies,
See Test Circuit in Figure 49
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
FREQUENCY (MHz)
Vs = ±5V
G = –5
RF = 5kΩ
VOUT = 2V p-p
VOUT = 1V p-p
VOUT = 200mV p-p
Figure 7. Frequency Response for Various Voltage Outputs,
See Test Circuit in Figure 49
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TIME (100ns/DIV)
G = –5
VOUT = 2V p-p
RF = 5kΩ
VS = ±5V
VS = ±2.5V
Figure 8. Large Signal Step Response, G = −5 for Various Supplies
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.001
0.01
0.1
1
5
FREQUENCY (MHz)
TIA GAIN = –5, ADC DRIVER GAIN = +1
RF = 5kΩ
VOUT = 4V p-p
VS = ±5V, HD2
VS = ±5V, HD3
VS = +5V, HD3
VS = +5V, HD2
Figure 9. Harmonic Distortion vs. Frequency for Various Supplies,
See Test Circuit in Figure 48
1
10
100
1000
FREQUENCY (Hz)
VS = ±5V
1
10
100
1k
10k
100k
1M
10M
100M
Figure 10. Input Referred Voltage Noise vs. Frequency
0
10
20
30
40
50
60
0
2
4
6
8
10
12
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
DIGITAL
ENABLE
VS = ±5V
ALL DISABLE
M1 DISABLE
Figure 11. Supply Current vs. Temperature at Different Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com