Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 22Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 23Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 24Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 25Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 26Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 27Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 28Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 29Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
AD8233
Data Sheet
Rev. 0 | Page 28 of 29
SYNCHRONIZED ECG AND PPG MEASUREMENT
In wearable devices developed for monitoring the health care of
patients, it is often necessary to have synchronized measurements
of biomedical signals. For example, a synchronous measurement of
a ECG and photoplethysmograph (PPG) can be used to determine
the pulse wave transit time (PWTT), which can then be used to
estimate blood pressure.
The circuit shown in Figure 77 shows a synchronous ECG and
PPG measurement using the AD8233 and the ADPD105
photometric front end. The AD8233 implements a two-pole,
high-pass filter with a cutoff frequency of 0.3 Hz, and a two-pole,
low-pass filter with a cutoff frequency of 37 Hz. The output of
the AD8233 is fed to one of the current inputs of the ADPD105
through a 50 kΩ resistor to convert the voltage output of the
AD8233 into a current. The PPG signal is acquired by the
ADPD105, which is a complete optical transceiver with
integrated LED drivers, multiple photodiode current inputs, an
integrated, 14-bit, successive approximation (SAR) ADC, and a
FIFO. In the circuit shown, the chip scale ADPD105 is used; the
ADPD105 is a two input device. The ADPD105 is configured to
alternately measure the photodiode signal and the ECG signal
from the AD8233 on consecutive time slots to provide fully
synchronized PPG and ECG measurements. Data can be read
out of the on-chip FIFO or straight from the data registers. The
ADPD105 channel that processes the ECG signal must be set up
in either pulse connect mode or transimpedance amplifier (TIA)
ADC mode, and the input bias voltage must be set to the 0.9 V
setting. The TIA gain setting can be set to optimize the dynamic
range of the signal path. The channel used to process the PPG
signal is configured in its normal operating mode. Figure 76
shows a plot of a synchronized ECG and PPG measurement
using the AD8233 with the ADPD105.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME (Seconds)
SHOWN WITH
fSAMPLE = 100Hz
PPG
ECG
Figure 76. Synchronous ECG and PPG Measurement Using the AD8233 with
the ADPD105
RL
RA
LA
1.8V
1.8V
+IN
–IN
HPDRIVE
+VS
HPSENSE
IAOUT
REFIN
GND
FR
AC/DC
SDN
LOD
RLD
RLDFB
OUT
OPAMP+
OPAMP–
REFOUT
SW
AD8233
6.8nF
1MΩ
1MΩ
250kΩ
2.7nF
100kΩ
180kΩ
180kΩ
1MΩ
10MΩ
10MΩ
0.1µF
10MΩ
1nF
10MΩ
10MΩ
0.1µF
360kΩ
4.7µF
TO DIGITAL
INTERFACE
4.7µF
RLD SDN
1.8V
50kΩ
PD3-4
PD1-2
PDC
LEDX1
VLED
VREF
1µF
AGND
DGND
LGND
0.1µF
0.1µF
DVDD
AVDD
1.8V
10kΩ 10kΩ
1.8V
SCL
SDA
GPIO0
GPIO1
TO DIGITAL
INTERFACE
ADPD105
Figure 77. Synchronous ECG and PPG Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com