Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 18Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 19Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 20Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 21Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 22Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 23Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 24Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 25Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Data Sheet
AD8233
Rev. 0 | Page 21 of 29
INPUT PROTECTION
All terminals of the AD8233 are protected against ESD. In
addition, the input structure allows dc overload conditions that
are a diode drop above the positive supply and a diode drop
below the negative supply. Voltages beyond a diode drop of the
supplies cause the ESD diodes to conduct and enable current to
flow through the diode. Therefore, use an external resistor in
series with each of the inputs to limit current for voltages
beyond the supplies. In either scenario, the AD8233 safely
handles a continuous 5 mA current at room temperature.
For applications where the AD8233 encounters extreme over-
load voltages, such as in cardiac defibrillators, use external series
resistors and gas discharge tubes (GDT). Neon lamps are com-
monly used as an inexpensive alternative to GDTs. These devices
can handle the application of large voltages but do not maintain
the voltage below the absolute maximum ratings for the AD8233.
A complete solution includes further clamping to either supply
using additional resistors and low leakage diode clamps, such as
BAV199 or FJH1100.
As a safety measure, place a resistor between the input pin and
the electrode that is connected to the subject to ensure that the
current flow never exceeds 10 μA. Calculate the value of this
resistor to be equal to the supply voltage across the AD8233
divided by 10 μA.
RADIO FREQUENCY INTERFERENCE (RFI)
Radio frequency (RF) rectification is often a problem in
applications where there are large RF signals. The problem
appears as a dc offset voltage at the output. The AD8233 has a
15 pF gate capacitance and 10 kΩ resistors at each input. This
forms a low-pass filter on each input that reduces rectification
at high frequency (see Figure 60) without the addition of
external elements.
AD8233
CG
CG
IAOUT
+IN
–IN
10kΩ
10kΩ
Figure 60. RFI Filter Without External Capacitors
For increased filtering, additional resistors can be added in
series with each input. They must be placed as close as possible
to the instrumentation amplifier inputs. These can be the same
resistors used for overload and patient protection.
POWER SUPPLY REGULATION AND BYPASSING
The AD8233 is designed to be powered directly from a single
3 V battery, such as CR2032 type. It can also operate from
rechargeable Li-Ion batteries, but the designer must take into
account that the voltage during a charge cycle may exceed the
absolute maximum ratings of the AD8233. To avoid damage to
the device, use a power switch or a low power, low dropout
regulator, such as the ADP150 or ADP160.
In addition, excessive noise on the supply pins can adversely
affect performance. As in all linear circuits, bypass capacitors
must be used to decouple the chip power supplies. Place a 0.1 μF
capacitor close to the supply pin. A 1 μF capacitor can be used
farther away from the device. In most cases, the capacitor can
be shared by other integrated circuits. Keep in mind that excessive
decoupling capacitance increases power dissipation during
power cycling.
INPUT REFERRED OFFSETS
Because of its internal architecture, the instrumentation amplifier
must be used always with the dc blocking amplifier, shown as HPA
in Figure 50.
As described in the Theory of Operation section, the dc blocking
amplifier attenuates the input referred offsets present at the
inputs of the instrumentation amplifier; however, this is true
only when the dc blocking amplifier is used as an integrator. In
this configuration, the input offsets from the dc blocking
amplifier dominate appearing directly at the output of the
instrumentation amplifier.
If the dc blocking amplifier is used as a follower instead of its
intended function as an integrator, the input referred offsets of
the in-amp are amplified by a factor of 100.
LAYOUT RECOMMENDATIONS
It is important to follow good layout practices to optimize
system performance. In low power applications, most resistors
are of a high value to minimize additional supply current. The
challenge of using high value resistors is that high impedance
nodes become even more susceptible to noise pickup and board
parasitics, such as capacitance and surface leakages. Keep all of
the connections between high impedance nodes as short as
possible to avoid introducing additional noise and errors from
corrupting the signal.
To maintain high CMRR over frequency, keep the input traces
symmetrical and length matched. Place safety and input bias
resistors in the same position relative to each input. In addition,
the use of a ground plane significantly improves the noise
rejection of the system.
For WLCSP layout best practices, refer to the AN-617
Application Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com