Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 20Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 21Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 22Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 23Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 24Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 25Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 26Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 27Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Data Sheet
AD8233
Rev. 0 | Page 23 of 29
Additional High-Pass Filtering Options
In addition to the topologies explained in the previous sections,
an additional pole may be added to the dc blocking circuit for
the rejection of low frequency signals. This configuration is
shown in Figure 64.
10kΩ
IAOUT
HPSENSE
HPDRIVE
S1
+IN
–IN
HPA
SW
10kΩ
S2
D4
REFOUT C3
TO NEXT
STAGE
= REFOUT
B4
C5
A5
A4
B5
C1
R1
R2
RCOMP
C2
Figure 64. Schematic for an Alternative Two-Pole, High-Pass Filter
An extra benefit of this circuit topology is that it allows a lower
cutoff frequency with lower R and C values. The resistor, RCOMP,
can also be used to control the quality factor (Q) of the filter to
achieve narrow band-pass filters (for heart rate detection) or
maximum pass-band flatness (for cardiac monitoring).
With this circuit topology, the filter attenuation reverts to a
single-pole roll-off at very low frequencies. Because the initial
roll-off is 40 dB per decade, this reversion to 20 dB per decade
has little impact on the ability of the filter to reject out of band
low frequency signals.
The designer may choose different values to achieve the desired
filter performance. To simplify the design process, use the following
recommendations as a starting point for component value selection.
R1 = R2 ≥ 100 kΩ
C1 = C2
RCOMP = 0.14 × R1
The cutoff frequency is located at
fC =
C2
R2
C1
R1
2
10
The selection of RCOMP to be 0.14 times the value of the other
two resistors optimizes the filter for a maximally flat pass band.
Reduce the value of RCOMP to increase the Q and, consequently,
the peaking of the filter. Note that a very low RCOMP value may
result in an unstable circuit. The selection of values based on
these criteria results in a transfer function similar to what is
shown in Figure 65. When additional low frequency rejection is
desired, a high-order, high-pass filter can be implemented by
adding an ac coupling network at the output of the instrumentation
amplifier, as shown in Figure 65. The SW terminal is connected
to the ac coupling network to obtain the best settling time
response when fast restore engages.
10kΩ
IAOUT
HPSENSE
HPDRIVE
S1
+IN
–IN
HPA
SW
10kΩ
S2
D4
REFOUT C3
TO NEXT
STAGE
= REFOUT
B4
C5
A5
A4
B5
C1
C3
R1
R2
RCOMP
C2
R3
Figure 65. Schematic for a Three-Pole, High-Pass Filter
60
40
20
0
–20
–40
–60
0.01
100
10
1
0.1
FREQUENCY (Hz)
THREE-POLE FILTER
TWO-POLE FILTER
40dB PER
DECADE
40dB PER
DECADE
20dB PER
DECADE
60dB PER
DECADE
Figure 66. Frequency Response of the Circuits Shown in Figure 64 and Figure 65
Careful analysis and adjustment of all of the component values
in practice is recommended to optimize the filter characteristics.
To reduce the value of RCOMP, increase the peaking of the active
filter to overcome the additional roll-off introduced by the ac
coupling network. Proper adjustment yields the best pass-band
flatness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com