Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 11Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 12Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 13Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 14Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 15Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 16Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 17Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 18Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
AD8233
Data Sheet
Rev. 0 | Page 14 of 29
RIGHT LEG DRIVE (RLD) AMPLIFIER PERFORMANCE CHARACTERISTICS
140
–40
0.1
1
10
100k
10k
1k
100
FREQUENCY (Hz)
–20
0
20
40
60
80
100
120
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
GAIN
PHASE MARGIN
Figure 34. Open-Loop Gain and Phase Margin vs. Frequency
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
100
1M
100k
10k
1k
LOAD (Ω)
–40°C
+25°C
+85°C
Figure 35. Output Voltage Swing vs. Load
10k
1k
100
10
0.1
1
10
100k
10k
1k
100
FREQUENCY (Hz)
Figure 36. Voltage Spectral Noise Density vs. Frequency
5µV/DIV
1s/DIV
Figure 37. 0.1 Hz to 10 Hz Noise
5µV/DIV
200ms/DIV
Figure 38. 0.5 Hz to 40 Hz Noise
12
0
–40
100
TEMPERATURE (°C)
–20
20
0
406080
2
4
6
8
10
+VS = 1.8V
+VS = 3V
+VS = 3.5V
AC/DC = LOW, RLD SDN = HIGH
Figure 39. RLD Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com