Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 19Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 20Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 21Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 22Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 23Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 24Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 25Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 26Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AD8233
Data Sheet
Rev. 0 | Page 22 of 29
APPLICATIONS INFORMATION
ELIMINATING ELECTRODE OFFSETS
The instrumentation amplifier in the AD8233 is designed to
apply gain and to filter out near dc signals simultaneously. This
capability allows the device to amplify a small ECG signal by a
factor of 100 while rejecting electrode offsets as large as ±300 mV.
To achieve offset rejection, connect an RC network between the
output of the instrumentation amplifier, HPSENSE, and
HPDRIVE, as shown in Figure 61.
10kΩ
IAOUT
HPSENSE
HPDRIVE
S1
GM1
GM2
99R
R
IN+
IN–
VCM
H
PA
ELECTRODE
OFFSETS
C
R
= REFOUT
B4
C5
A5
A4
B5
C1
Figure 61. Eliminating Electrode Offsets
This RC network forms an integrator that feeds any near dc signals
back into the instrumentation amplifier, thus eliminating the offsets
without saturating any node and maintaining high signal gain.
In addition to blocking offsets present across the inputs of the
instrumentation amplifier, this integrator also works as a high-
pass filter that minimizes the effect of slow moving signals, such
as baseline wander. The cutoff frequency of the filter is given by
the following equation:
fC =
RC
2
100
(1)
where R is in Ω and C is in farads.
Note that the filter cutoff is 100 times higher than is typically
expected from a single-pole filter. Because of the feedback
architecture of the instrumentation amplifier, the typical filter
cutoff equation is modified by a gain of 100 from the
instrumentation amplifier.
50
40
10
20
30
0
0.01
100
10
1
0.1
FREQUENCY (Hz)
20dB PER
DECADE
Figure 62. Frequency Response of a Single-Pole DC Blocking Circuit
As with any high-pass filter with low frequency cutoff, a fast
change in dc offset requires a long time to settle. If such a
change saturates the instrumentation amplifier output, the S1
switch briefly enables the 10 kΩ resistor path, thus moving the
cutoff frequency to
fC =
)
10
(
2
)
10
(
100
4
4
RC
R
(2)
For values of R greater than 100 kΩ, the expression in Equation 2
can be approximated by
fC =
C
200
1
(3)
This higher cutoff frequency reduces the settling time and
enables faster recovery of the ECG signal. For more
information, see the Fast Restore Circuit section.
HIGH-PASS FILTERING
The AD8233 can implement higher order high-pass filters. A
higher filter order yields better artifact rejection at the cost of
increased signal distortion and more passive components on the
PCB.
Two-Pole High-Pass Filter
A two-pole architecture can be implemented by adding a simple
ac coupling RC at the output of the instrumentation amplifier,
as shown in Figure 63.
10kΩ
IAOUT
HPSENSE
HPDRIVE
S1
+IN
–IN
HPA
SW
10kΩ
S2
D4
REFOUT C3
TO NEXT
STAGE
= REFOUT
B4
C5
A5
A4
B5
C1
C2
R1
R2
Figure 63. Schematic for a Two-Pole High-Pass Filter
Note that the right side of C2 connects to the SW terminal. As
with S1, S2 reduces the recovery time for this ac coupling network
by placing 10 kΩ in parallel with R2. See the Fast Restore
Circuit section for additional details on switch timing and
trigger conditions.
Note that, if this passive network is not buffered, it exhibits
higher output impedance at the input of a subsequent low-pass
filter, such as with Sallen-Key filter topologies. Careful component
selection results in reliable performance without a buffer. See
the Low-Pass Filtering and Gain section for additional
information on component selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com