Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 17Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 18Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 19Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 20Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 21Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 22Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 23Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 24Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AD8233
Data Sheet
Rev. 0 | Page 20 of 29
AC Leads On/Off Detection
The ac leads off detection mode is useful when using two
electrodes. In this case, a conduction path must exist between
the two electrodes, which is usually formed by two resistors, as
shown in Figure 57.
These resistors also provide a path for bias return on each input.
Connect each resistor to REFOUT or RLD to maintain the inputs
within the common-mode range of the instrumentation
amplifier.
REFOUT
10MΩ
10MΩ
IA
B5
C5
A2
C3
+VS
Figure 57. Circuit Configuration for Two Electrode AC Leads Off Detection
The AD8233 detects when an electrode is disconnected by
forcing a small 100 kHz current into the input terminals. This
current flows through the external resistors from IN+ to IN−
and develops a differential voltage across the inputs, which is
then synchronously detected and compared to an internal
threshold. The recommended value for these external resistors
is 10 MΩ. Low resistance values make the differential drop too
low to be detected and lower the input impedance of the amplifier.
When the electrodes are attached to the subject, the impedance
of this path must be less than 3 MΩ to maintain the drop below
the threshold of the comparator.
To use the ac leads off mode, tie the AC/DC pin to the positive
supply rail. Note that, whereas REFOUT is at a constant voltage
value, using the RLD output as the input bias may be more effective
in rejecting common-mode interference at the expense of
additional power.
In three electrode ac leads off detection mode, as shown in
Figure 58, pull-up resistors are not required, which improves
the input impedance of the circuit. This mode is beneficial for
dry electrode applications. The ac mode currents contribute 1/f
noise to the system; therefore, depending on the application, it
may be advantageous to use ac leads off detection as a spot check
and then switching to dc mode for improved ECG acquisition.
RLD
IA
B5
C5
A2
D5
+VS
TO DRIVEN
ELECTRODE
Figure 58. Circuit Configuration for Three Electrode AC Leads Off Detection
The ac leads off detection mode continues to function in shutdown
mode as well. To keep the power under 1 μA, the clock is disabled
and the ac currents become dc currents. The current source on
+IN is 250 nA, while the current sink on –IN is −300 nA. The
stronger pull-down current on −IN acts as a wake-up function,
pulling LOD low when the electrodes are reconnected.
STANDBY OPERATION
The AD8233 includes a shutdown pin (SDN) that further
enhances the flexibility and ease of use in portable applications
where power consumption is critical. A logic level signal can be
applied to this pin to switch to shutdown mode, even when the
supply is still on.
Driving the SDN pin low places the AD8233 in shutdown mode
and draws less than 1 μA of supply current, offering considerable
power savings. To enter normal operation, drive SDN high;
when not using this feature, permanently tie SDN to +VS.
During shutdown operation, the AD8233 cannot maintain the
REFOUT voltage, but it does not drain the REFIN voltage,
thereby maintaining this additional conduction path from the
supply to ground.
When emerging from a shutdown condition, the charge stored
in the capacitors on the high-pass filters can saturate the instru-
mentation amplifier and subsequent stages. The use of the fast
restore feature helps reduce the recovery time and, therefore,
minimize on time in power sensitive applications.
Using leads on/off detection in shutdown mode allows system
level power saving. The microcontroller enters sleep mode
when the electrodes are disconnected, and the LOD signal acts
as an interrupt to wake up the microcontroller. An example of
this functionality is shown in Figure 59.
1 -
AT LEAST ONE ELECTRODE IS OFF
AND THEREFORE LOD OUTPUT IS HIGH.
MCU IS OFF AND SDN IS LOW.
(AD8233 SHUTDOWN CURRENT < 1µA)
2 -
LOD GOES LOW WHEN BOTH
ELECTRODES ARE CONNECTED.
A FALLING EDGE AT LOD WAKES UP
THE MCU.
3 -
MCU WAKES UP
AND SETS SDN HIGH.
4 -
AD8233 IS ACTIVE (~50µA)
AND MONITORING ECG.
250mV/DIV
400ms/DIV
OUT
SDN
LOD
Figure 59. Electrode Connection and System Wakeup Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com