Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 22Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 23Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 24Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 25Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 26Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 27Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 28Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 29Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
AD8233
Data Sheet
Rev. 0 | Page 26 of 29
APPLICATION CIRCUITS
HEART RATE MEASUREMENT (HRM) NEXT TO THE
HEART
For wearable exercise devices, the AD8233 is typically placed in
a pod near the heart. The two sense electrodes are placed under
the pectoral muscles; no driven electrode is used. Because the
distance from the heart to the AD8233 is small, the heart signal
is strong and there is less muscle artifact interference.
In this wearable device configuration, space is at a premium. By
using as few external components as possible, the circuit in
Figure 70 is optimized for size.
+VS
+VS
+IN
–IN
HPDRIVE
+VS
HPSENSE
IAOUT
REFIN
GND
FR
AC/DC
RLD SDN
SDN
LOD
RLD
RLDFB
OUT
OPAMP+
OPAMP–
REFOUT
SW
AD8233
180kΩ
180kΩ
10MΩ
10MΩ
0.1µF
10MΩ
1nF
10MΩ
ELECTRODE
INTERFACE
0.1µF
0.22µF
TO DIGITAL
INTERFACE
SIGNAL
OUTPUT
10MΩ
Figure 70. Circuit for HRM Next to the Heart
A shorter distance from the AD8233 to the heart makes this
application less vulnerable to common-mode interference.
However, because RLD (Pin D5) is not used to drive an
electrode, it can be used to improve the common-mode
rejection by maintaining the midscale voltage through the
10 MΩ bias resistors. Alternatively, tie RLD SDN low to save
power, and tie the bias resistors to REFOUT.
A single-pole, high-pass filter is set at 7 Hz, and there is no low-pass
filter. No gain is used on the output op amp, thereby reducing the
number of resistors for a total system gain of 100. (see Figure 71).
70
0
0.1
10k
FREQUENCY (Hz)
10
20
30
40
50
60
1
10
100
1k
Figure 71. Frequency Response for HRM Next to the Heart Circuit
The input terminals in this configuration use two 180 kΩ resistors
to protect the user from fault conditions. Two 10 MΩ resistors
provide input bias. Use higher values for electrodes with high
output impedance, such as cloth electrodes.
The schematic also shows two 10 MΩ resistors to set the
midscale reference voltage. If there is already a reference voltage
available, it can be driven into the REFIN input to eliminate
these two 10 MΩ resistors.
EXERCISE APPLICATION—HEART RATE
MEASURED AT THE HANDS
In this application, the heart rate signal is measured at the
hands with stainless steel electrodes. The arm and upper body
movement of the user create large motion artifacts, and the long
lead length makes the system susceptible to common-mode
interference. A very narrow band-pass characteristic is required
to separate the heart signal from the interferers.
RL
RA
LA
+VS
+VS
+IN
–IN
HPDRIVE
+VS
HPSENSE
IAOUT
REFIN
GND
FR
AC/DC
RLD SDN
LOD
RLD
RLDFB
OUT
OPAMP+
OPAMP–
REFOUT
SW
AD8233
22nF
1MΩ
1MΩ
100kΩ
3.3nF
100kΩ
180kΩ
180kΩ
1MΩ
10MΩ
10MΩ
0.1µF
10MΩ
1nF
10MΩ
10MΩ
0.1µF
360kΩ
0.22µF
TO DIGITAL
INTERFACE
SIGNAL OUTPUT
0.22µF
SDN
+VS
Figure 72. Circuit for HRM at Hands
The circuit in Figure 72 uses a two-pole, high-pass filter set at
7 Hz. A two-pole, low-pass filter at 24 Hz follows the high-pass
filters to eliminate any other artifacts and line noise.
70
0
0.1
1k
FREQUENCY (Hz)
10
20
30
40
50
60
1
10
100
Figure 73. Frequency Response for HRM Circuit Taken at the Hands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com