Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 16Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 17Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 18Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 19Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 20Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 21Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 22Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 23Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Data Sheet
AD8233
Rev. 0 | Page 19 of 29
LEADS OFF
LEADS ON
S1
S2
SATURATION DETECTED
NO SATURATION
tS1
tS2
tRST
Figure 54. Timing Diagram for Fast Restore Switches (Time Base Not to Scale)
If this saturation condition is present when both input electrodes
are attached to the subject, the comparator triggers a timing
circuit that automatically closes Switch S1 and Switch S2 (see
Figure 54 for a timing diagram).
These two switches (S1 and S2) enable two different 10 kΩ
resistor paths: one between HPSENSE and IAOUT and another
between SW and REFOUT. During the time Switch S1 and
Switch S2 are enabled, these internal resistors appear in parallel
with their corresponding external resistors forming high-pass
filters. The result is that the equivalent lower resistance shifts
the pole to a higher frequency, delivering a quicker settling
time. Note that the fast restore settling time depends on how
quickly the internal 10 kΩ resistors of the AD8233 can drain the
capacitors in the high-pass circuit. Smaller capacitor values
result in a shorter settling time.
If, by the end of the timing, the saturation condition persists,
the cycle repeats. Otherwise, the AD8233 returns to its normal
operation. If either of the leads off comparator outputs is indi-
cating that an electrode is disconnected, the timing circuit is
prevented from triggering because it is assumed that no valid
signal is present. To disable fast restore, drive the FR pin low or
tie it permanently to GND.
LEADS ON/OFF DETECTION
The AD8233 includes leads off detection. It features ac and dc
detection modes that both work with two and three electrode
configurations. Ultralow power comparators allow the leads
on/off detection to remain functional in shutdown mode,
allowing power savings at the system level when the LOD
output is used as a wake-up signal for the microcontroller.
DC Leads On/Off Detection
The dc leads off detection mode can be used in two or three
electrode configurations. It works by sensing when either
instrumentation amplifier input voltage is within 0.27 V from
the positive rail. The lowest power use case for the AD8233 is
two electrode dc mode. A pull-up resistor on +IN and a pull-
down resistor on −IN creates a voltage divider when the
electrodes are connected, setting the input common mode to
midsupply. When the electrodes disconnect, the comparator
monitoring +IN sets LOD high when the input pulls to +VS.
10MΩ
10MΩ
IA
B5
C5
+VS
Figure 55. Circuit Configuration for Two Electrode DC Leads Off Detection
For three electrode dc mode, each input must have a pull-up
resistor connected to the positive supply. During normal operation,
the potential of the subject must be inside the common-mode
range of the instrumentation amplifier, which is only possible if
a third electrode is connected to the output of the right leg drive
amplifier.
RLD
10MΩ
10MΩ
TO DRIVEN
ELECTRODE
IA
B5
C5
D5
+VS
Figure 56. Circuit Configuration for Three Electrode DC Leads Off Detection
The AD8233 indicates when any electrode is disconnected by
setting the LOD pin high. To use this mode, connect the
AC/DC pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com