Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 14Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 15Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 16Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 17Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 18Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 19Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 20Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 21Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Data Sheet
AD8233
Rev. 0 | Page 17 of 29
THEORY OF OPERATION
10kΩ
IAOUT
HPSENSE
HPDRIVE
S1
GM1
GM2
99R
R
+VS
0.7V
INSTRUMENTATION AMPLIFIER (IA)
+VS – 0.1V
0.1V
REFOUT
REFIN
–IN
+IN
FR
VCM
C1
RLD SDN
LOD
+VS – 0.27V
SW
OPAMP+
OPAMP–
OUT
RLD
RLDFB
GND
150kΩ
10kΩ
HPA
+VS
= REFOUT
CHARGE
PUMP
SYNC
RECTIFIER
SWITCH
TIMING
A3
A2
A1
AC/DC
AC/DC
AC/DC
AC/DC
SDN
S1
S2
S2
B4
C5
B5
C4
D5
A3
D4
D3
D2
D1
A5
A4
B3
B2
B1
C1
C2
A2
A1
C3
*ALL SWITCHES SHOWN IN DC LEADS OFF DETECTION POSITION AND FAST RESTORE DISABLED
RFI
FILTER
Figure 50. Simplified Schematic Diagram
ARCHITECTURE OVERVIEW
The AD8233 is an integrated front end for signal conditioning
of cardiac biopotentials for heart rate monitoring. It consists of
a specialized instrumentation amplifier (IA), an operational
amplifier (A1), a right leg drive amplifier (A2), and a midsupply
reference buffer (A3). In addition, the AD8233 includes leads
on/off detection circuitry and an automatic fast restore circuit
that restores the signal shortly after leads are reconnected.
The AD8233 contains a specialized instrumentation amplifier
that amplifies the ECG signal while rejecting the electrode half
cell potential on the same stage. The amplification of the ECG
signal and the rejection of the electrode half cell potential are
possible with an indirect current feedback architecture, which
reduces size and power compared with traditional
implementations.
INSTRUMENTATION AMPLIFIER
The instrumentation amplifier is shown in Figure 50 as
comprised by two well matched transconductance amplifiers
(GM1 and GM2), the dc blocking amplifier (HPA), and an
integrator formed by C1 and an op amp. The transconductance
amplifier, GM1, generates a current that is proportional to the
voltage present at its inputs. When the feedback is satisfied, an
equal voltage appears across the inputs of the transconductance
amplifier, GM2, thereby matching the current generated by
GM1. The difference generates an error current that is integrated
across Capacitor C1. The resulting voltage appears at the output
of the instrumentation amplifier.
The feedback of the amplifier is applied via GM2 through two
separate paths: the two resistors divide the output signal to set
an overall gain of 100, whereas the dc blocking amplifier integrates
any deviation from the reference level. Consequently, dc offsets
as large as ±300 mV across the GM1 inputs appear inverted and
with the same magnitude across the inputs of GM2, all without
saturating the signal of interest.
To increase the common-mode voltage range of the instrumen-
tation amplifier, a charge pump boosts the supply voltage for the
two transconductance amplifiers. This boost in supply voltage
further prevents saturation of the amplifier in the presence of
large common-mode signals, such as line interference. The charge
pump runs from an internal oscillator, the frequency of which is
set around 500 kHz.
OPERATIONAL AMPLIFIER
The general-purpose operational amplifier (A1) is a rail-to-rail
device that can be used for low-pass filtering and to add additional
gain. The following sections provide details and example circuits
that use this amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com