Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8233ACBZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8233ACBZ-R7
Description  Fitness and activity heart rate monitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8233ACBZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8233ACBZ-R7 Datasheet HTML 22Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 23Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 24Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 25Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 26Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 27Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 28Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 29Page - Analog Devices AD8233ACBZ-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Data Sheet
AD8233
Rev. 0 | Page 25 of 29
Driving ADCs
The ability of AD8233 to drive capacitive loads makes it ideal
for driving an ADC without an additional buffer. However,
depending on the input architecture of the ADC, a simple, low-
pass RC network may be required to decouple the transients
from the switched capacitor input typical of modern ADCs.
This RC network also acts as an additional filter that can help
reduce noise and aliasing. Follow the recommended guidelines
from the ADC data sheet for the selection of proper R and C
values. Table 7 lists compatible ADCs by category.
Table 7. Compatible ADCs by Category
Analog-to-
Digital
Converters
Microcontrollers
Optical
Sensors
Accelerometers
AD7091
ADuCM350
ADPD103
ADXL363
AD7988-1
ADPD105
A1
C
R
ADC
D1
AD8233
Figure 69. Driving an ADC
DRIVEN ELECTRODE
A driven lead (or reference electrode) is often used to minimize
the effects of common-mode voltages induced by the power line
and other interfering sources. The AD8233 extracts the common-
mode voltage from the instrumentation amplifier inputs and
makes it available through the RLD amplifier to drive an opposing
signal into the patient. This functionality maintains the voltage
between the patient and the AD8233 at a near constant, greatly
improving the CMRR.
As a safety measure, place a resistor between the RLD pin
(Pin D5) and the electrode connected to the subject to ensure
that current flow never exceeds 10 μA. Calculate the value of
this resistor to be equal to the supply voltage across the AD8233
divided by 10 μA.
The AD8233 implements an integrator formed by an internal
150 kΩ resistor and an external capacitor to drive this electrode.
The choice of the integrator capacitor is a trade-off between line
rejection capability and stability. It is recommended that the
capacitor be small to maintain as much loop gain as possible,
around 50 Hz and 60 Hz, which is typical for line frequencies.
For stability, it is recommended that the gain of the integrator
be less than unity gain at the frequency of any other poles in the
loop, such as those formed by the capacitance and the safety
resistors of the patient. The suggested application circuits use a
1 nF capacitor, which results in a loop gain of about 20 at line
frequencies, with a crossover frequency of about 1 kHz.
In a 2-lead configuration, the RLD pin (Pin D5) amplifier can
be shut down or used to drive the bias current resistors on the
inputs. Although not as effective as a true driven electrode, this
configuration can provide some common-mode rejection
improvement if the sense electrode impedance is small and well
matched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com