Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ Datasheet(PDF) 107 Page - Analog Devices

Part # ADE9078ACPZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ Datasheet(HTML) 107 Page - Analog Devices

Back Button ADE9078ACPZ Datasheet HTML 100Page - Analog Devices ADE9078ACPZ Datasheet HTML 101Page - Analog Devices ADE9078ACPZ Datasheet HTML 102Page - Analog Devices ADE9078ACPZ Datasheet HTML 103Page - Analog Devices ADE9078ACPZ Datasheet HTML 104Page - Analog Devices ADE9078ACPZ Datasheet HTML 105Page - Analog Devices ADE9078ACPZ Datasheet HTML 106Page - Analog Devices ADE9078ACPZ Datasheet HTML 107Page - Analog Devices ADE9078ACPZ Datasheet HTML 108Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 107 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 106 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
1100 1300:1.
1101 1400:1.
1110 1500:1.
1111 1600:1.
[4:0]
LPLINE
This register determines the time used to detect
peak currents in the low power comparator in
PSM2 operating mode. Note that this register
retains its value in PSM2 and PSM3 operating
modes but is reset to its default value upon
entering PSM0 or PSM1.
0x1F
R/W
0x4B9 PGA_GAIN
[15:14] RESERVED
Reserved.
0x0
R
[13:12] VC_GAIN
PGA gain for Voltage Channel C ADC.
0x0
R/W
00 Gain = 1.
01 Gain = 2.
10 Gain = 4.
11 Gain = 4.
[11:10] VB_GAIN
PGA gain for Voltage Channel B ADC. See
VC_GAIN.
0x0
R/W
[9:8]
VA_GAIN
PGA gain for Voltage Channel A ADC. See
VC_GAIN.
0x0
R/W
[7:6]
IN_GAIN
PGA gain for neutral current channel ADC. See
VC_GAIN.
0x0
R/W
[5:4]
IC_GAIN
PGA gain for Current Channel C ADC. See
VC_GAIN.
0x0
R/W
[3:2]
IB_GAIN
PGA gain for Voltage Channel B ADC. See
VC_GAIN.
0x0
R/W
[1:0]
IA_GAIN
PGA gain for Current Channel A ADC. See
VC_GAIN.
0x0
R/W
0x4BA CHNL_DIS
[15:7]
RESERVED
Reserved.
0x0
R
6
VC_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
5
VB_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
4
VA_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
3
IN_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
2
IC_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
1
IB_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
0
IA_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
0x4E0 VAR_DIS
[15:1]
RESERVED
Reserved.
0x0
R
0
VARDIS
Set this bit to disable the total VAR calculation. This
bit must be set before writing the run bit for
proper operation.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com