Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 18 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button ZSC31015EAG1-R Datasheet HTML 14Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 15Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 16Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 17Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 18Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 19Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 20Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 21Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
© 2016 Integrated Device Technology, Inc
18
November 14, 2016
ZSC31015 Datasheet
Settling Time
64
s
AD Conversion
768
s
Calculation
160
s
DAC output
occurs here
DAC output
next update
Settling Time
64
s
AD Conversion
768
s
Calculation
160
s
Example for the upper clipping level: If the Up_Clip_Lim[6:0] = 0000000, then the 14-bit value used for the
clipping threshold is 11000000011111. This is 75.19% of full scale. Since there are 7 bits of upper clipping limit,
there are 127 possible values between 75.19% and 100%. Therefore the resolution of the clipping limits 0.195%.
Example for the lower clipping level: If the Low_Clip_Lim[6:0] = 1111111, then the 14-bit value used for the
clipping threshold is 00111111100000. This is 24.8% of full scale. Since there are 7 bits of lower clipping limit,
there are 127 possible values between 0 and 24.8%. Therefore the resolution of the lower clipping limit is 0.195%.
Figure 2.2 shows the data timing of the DAC output for the update rate setting 00.
Figure 2.2
DAC Output Timing for Highest Update Rate
2.4.2.
Output Buffer
A rail-to-rail op amp configured as a unity gain buffer can drive resistive loads (whether pull-up or pull-down) as
low as 5k
 and capacitances up to 15nF (for pure analog output). In addition, to limit the error due to amplifier
offset voltage, an error compensation circuit is included which tracks and reduces offset voltage to < 1mV. The
output of the ZSC31015 output can be permanently shorted to VDD or VSS without damaging the device. The
output driver contains a current-limiting block that detects a hard short and limits the current to a safe level. The
short circuit protection current can vary from a minimum of 3mA to a maximum of 40mA depending on operating
conditions. Output short circuit protection can be enabled via Diag_cfg (EEPROM [102:100]). Enabling this
protection is recommended when using the analog output.
2.4.3.
Voltage Reference Block
A linear regulator control circuit is included in the Voltage Reference Block to interface with an external JFET to
allow operation in systems where the supply voltage exceeds 5.5V. This circuit can also be used for over-voltage
protection. The regulator set point has a coarse adjustment controlled by the JFET_cfg EEPROM bits that can
adjust the set point around 5.0 or 5.5V. (See Table 3.5 for bit locations and section 2.3.1 regarding writing to the
EEPROM.). The 1V trim setting (see below) can also act as a fine adjust for the regulation set point. The 5V
reference can be trimmed within +/-15mV.
Note: If using the external JFET for over-voltage protection purposes (i.e., 5V at JFET drain and expecting 5V at
JFET source), there will be a voltage drop across the JFET; therefore ratiometricity will be slightly compromised
depending on the rds(on) of the chosen JFET. A Vishay J107 is the best choice because it has only an 8mV drop
worst case. If using as regulation instead of over-voltage protection, a MMBF4392 or BSS169 also works well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com