Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ZSC31015EAG1-R Datasheet HTML 11Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 12Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 13Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 14Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 15Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 16Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 17Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 18Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
© 2016 Integrated Device Technology, Inc
15
November 14, 2016
ZSC31015 Datasheet
2.2.4.
Analog-to-Digital Converter (ADC)
A 14-bit/1ms 2
nd order charge-balancing ADC is used to convert signals coming from the pre-amplifier. The
converter, designed in full differential switched capacitor technique, is used for converting the various signals in
the digital domain.
This principle offers the following advantages:
High noise immunity because of the differential signal path and integrating behavior
Independence from clock frequency drift and clock jitter
Fast conversion time due to second-order mode
Fo
ur selectable values for the zero point of the input voltage allow conversion to adapt to the sensor’s offset
parameter. With the Reverse Input Polarity Mode and the negative digital gain options, this results in seven
possible zero point adjustments (not eight because the -1/2,1/2 offset setting is the same regardless of gain
polarity).
The conversion rate varies with the programmed update rate. The fastest conversation rate is 1k samples/s and
the response time is then 1ms. Based on a best fit, the Integral Nonlinearity (INL) is less than 4 LSB14Bit.
2.3.
Digital Signal Processor
A digital signal processor (DSP) is used for processing the converted bridge data as well as performing
temperature correction and computing the temperature value for output on the digital channel.
The digital core reads correction coefficients from EEPROM and can correct for the following:
Bridge Offset
Bridge Gain
Variation of Bridge Offset over Temperature (Tco)
Variation of Bridge Gain over Temperature (Tcg)
A single second order effect (SOT) (Second Order Term)
The EEPROM contains a single SOT that can be applied to correct one and only one of the following:
2nd order behavior of bridge measurement
2nd order behavior of Tco
2nd order behavior of Tcg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com