Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 51 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 51 Page - Integrated Device Technology

Back Button ZSC31015EAG1-R Datasheet HTML 44Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 45Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 46Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 47Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 48Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 49Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 50Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 51Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 52Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
© 2016 Integrated Device Technology, Inc
51
November 14, 2016
ZSC31015 Datasheet
14
Document Revision History
Revision Date
Description
1.40
February 24, 2009
Revision to Byte 16 in Table 3.11.
Revision to add an explanation for default setting in Table 3.5.
Revision to “Lower Output Voltage Limit” specification in section 1.3.5.
Revisions in sections 2.4.3 and 2.5.1 to text regarding regulator set point and optimal
reference trim, including text about methods for preserving factory settings.
Revision to caption for Figure 3.2 to clarify that timing is typical.
Revision to text below Table 3.2 regarding minimum and maximum baud rate.
Added note below Table 3.3 clarifying that timing is typical.
Revisions to the default settings column and explanations for the Cust_ID0 and Cust_ID1
EEPROM words in Table 3.5.
Addition of section 5 to explain methods for restoration of EEPROM settings.
1.50
May 14, 2009
Revised conditions for “Overall Ratiometricity Error” and “Overall Accuracy – Analog”
specifications in section 1.3.9.
1.60
June 10, 2009
Added “Document Revision History” table.
1.70
March 29, 2010
Corrected start-up window time 1.5 to 3ms. This change applies only to rev C1 Silicon
(marked as ZSC31015Cxx.) and higher. Stop bit definition is replaced by stop time
definition. Relocated specs from Table 1.9 and deleted Table 1.9.
1.73
May 11, 2010
Added footnote to pages 2, 3, and 14 clarifying that the ZSC31015 is not AEC-Q100-
qualified.
1.74
July 19, 2010
Added special measurement information to Table 3.2; revised precondition for equation (1).
1.80
July 27, 2010
Revised product name from ZMD31015 to ZSC31015.
1.90
March 24, 2011
Added EEPROM specifications to section 1.3 “Electrical Parameters.” Added table 6.1
“Storage and Soldering Conditions” to section 6 “Pin Configuration and Package.” Updated
trim tolerances in sections 4.1and 4.2. Updated ZMDI contact information.
1.91
October 8, 2011
Revisions in section 1.3.4. Addition of part ordering numbers for all available temperature
ranges to section 11. Update for sales contact information
to add ZMDI’s Korea office.
Revision of product title.
1.92
January 12, 2012
Removed requirement of fastest update rate for analog output mode (applied to previous IC
revision). Updated contact information for the USA.
2.00
October 28, 2012
Updates to contact information and part ordering numbers.
2.10
October 9, 2013
Update to section 1.2 to add new minimum specification for output load capacitance.
Update to section 1.3.9 for tSTA maximum specification.
Updates to contact information and imagery for cover and headers.
Updates to part order options.
Updates to related documents.
2.11
December 11, 2013 Update for part ordering tables: kit no longer includes DVD of software. Software is now
downloaded from www.IDT.com/ZSC31015 to ensure user has the latest version of
software.
2.12
June 3, 2014
Update to section 1.2 regarding minimum bridge resistance values. Update to section 2.6.3
regarding minimum bridge resistance values.
Update for “Related Documents” section and ZMDI contact information.
April 22, 2016
Changed to IDT branding. Release date is now the revision number.
November 14, 2016 Correction of error in title regarding the product name.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com