Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 30 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button ZSC31015EAG1-R Datasheet HTML 26Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 27Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 28Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 29Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 30Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 31Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 32Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 33Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 34Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
© 2016 Integrated Device Technology, Inc
30
November 14, 2016
ZSC31015 Datasheet
3.3.
Command/Data Bytes Encoding
The 2-byte command sent to the ZSC31015 consists of 1 byte of command information and 1 byte of data
information. Regardless of whether the command requires data or not, 2 bytes MUST be sent. Table 3.4 lists all
the command/data pairings. (X=don’t care.)
Table 3.4
Command/Data Bytes Encoding
Note: Refer to Table 3.5 for the location in EEPROM for the bit fields (e.g., Gain_B) referenced in the table.
Command
Byte
Data
Description
00HEX
XXHEX
Read EEPROM command via SIG
™ pin.
‡
20HEX
5XHEX
DAC Ramp Test Mode. Gain_B[13:3] contains the starting point, and the increment is
(Offset_B/8). The increment will be added every 125µsec.
30HEX
WDHEX
W =
What
D =
Data
Trim/Configure: 3
rd nibble determines what is trimmed/configured. The 4th nibble is data to be
programmed.
3
rd Nibble
4
th Nibble Data
Description
0HEX
DHEX
Trim oscillator. Least significant 3 bits of data used.
1HEX
DHEX
Trim 1V reference. Least significant 4 bits of data used.
2HEX
DHEX
Offset Mode. Least significant 4 bits of data used.
3HEX
DHEX
Set output mode. Least significant 2 bits used.
4HEX
DHEX
Set update rate. Least significant 2 bits used.
5HEX
DHEX
Configure JFET regulation
6HEX
DHEX
Program the Tc_cfg register. Least significant 3 bits used.
Most significant bit of data nibble should be 0.
7HEX
DHEX
Program EEPROM bits [99:96] {SOT_cfg,Pamp_Gain}
DHEX
3HEX
0HEX,1HEX,2HEX
6HEX
4HEX,5HEX,7HEX
Program EEPROM bits [105:103]:
EEPROM locked! Int. PTAT used for temperature
EEPROM unlocked, Int. PTAT used for temperature
EEPROM locked! Ext. diode used for temperature
EEPROM unlocked, Ext. diode used for temperature
EHEX
DHEX
Program EEPROM bits [102:100] diag_cfg
§
40HEX
00HEX
Start NOM => Ends Command Mode; transition to Normal Operation Mode.
40HEX
10HEX
Start_RM = Start the Raw Mode (RM)
In this mode, if Gain_B = 800HEX and Gain_T = 80HEX, then the digital output will simply be the
raw values of the ADC for the Bridge reading, and the PTAT conversion.
50HEX
90HEX
Start_CM => Start the Command Mode; used to enter Command Interpret Mode.
60HEX
YYHEX
Program SOT (2
nd Order Term)
70HEX
YYHEX
Program TSETL (Set the MSB to 0.)
‡
For more details, refer to section 3.7.
§ For more details, refer to section 3.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com