Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSC31015EAG1-R Datasheet HTML 4Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 5Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 6Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 7Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 8Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 9Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 10Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 11Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
© 2016 Integrated Device Technology, Inc
8
November 14, 2016
ZSC31015 Datasheet
1.3.
Electrical Parameters
See important table notes at the end of the table. Note: For parameters marked with an asterisk, there is no
verification in mass production; the parameter is guaranteed by design and/or quality observation.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.1.
Supply/Regulation Characteristics
Supply Voltage
VDD
2.7
5.0
5.5
V
Supply Current (varies with
update rate and output mode)
IDD
At minimum update rate
0.25
mA
At maximum update rate
1.0
1.4
Temperature Coefficient
– PTAT
Source *
TCPTAT
20
100
ppm/K
Power Supply Rejection Ratio *
PSRR
60
dB
Power-On Reset Level
POR
1.4
2.6
V
1.3.2.
Parameters for Analog Front-End (AFE)
Leakage Current Pin VBP,VBN
IIN_LEAK
Sensor connection and short
check must be disabled.
10
nA
1.3.3.
Parameters for EEPROM
Number Write Cycles
nWRI_EEP
At 150
C
100
Cycles
At 85
C
100k
Cycles
Data Retention
tWRI_EEP
At 100
C
10
Years
1.3.4.
Parameters for A/D Converter
ADC Resolution
rADC
14
Bit
Integral Nonlinearity (INL)
1)
INLADC
Based on ideal slope
-4
+4
LSB
Differential Nonlinearity (DNL) *
DNLADC
-1
+1
LSB
1.3.5.
Parameters for Analog Output (DAC and Buffer)
Max. Output Current
IOUT
Max. current maintaining
accuracy
2.2
mA
Resolution
Res
Referenced to VDD
12
Bit
Absolute Error
EABS
DAC input to output
±0.2%
VDD
Differential Nonlinearity *
DNL
No missing codes
-0.9
+3.0
LSB12Bit
Upper Output Voltage Limit
VOUT
RL = 5 k
95%
VDD
Lower Output Voltage Limit
VOUT
With 5k
 pull down, 0 to1V
output
16.5mV
mV
Output Short Circuit
Protection Limit
ISC
Depends on operating conditions.
Short circuit protection must be
enabled via Diag_cfg
(EEPROM word [102:100]).
See section 2.4.2.
3
40
mA
Analog Output Noise
Peak-to-Peak
VNOISE,PP
Shorted input
5
±1LSB
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com