Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 41 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 41 Page - Integrated Device Technology

Back Button ZSC31015EAG1-R Datasheet HTML 37Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 38Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 39Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 40Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 41Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 42Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 43Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 44Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 45Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
© 2016 Integrated Device Technology, Inc
41
November 14, 2016
ZSC31015 Datasheet
3.7.
Reading EEPROM Contents
The contents of the entire EEPROM memory can be read out using the Read EEPROM command (00HEX). This
command causes the ZSC31015
to output consecutive bytes on the ZACwire™. After each transmission, the
EEPROM contents are shifted by 8 bits. The bit order of these bytes is given in Table 3.11.
Table 3.11 EEPROM Read Order
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 1
Offset_B[7:0]
Byte 2
Gain_T[1:0]
Offset_B[13:8]
Byte 3
Offset_T[1:0]
Gain_T[7:2]
Byte 4
TSETL[1:0]
Offset_T[7:2]
Byte 5
Tcg[2:0]
TSETL[6:2]
Byte 6
Tco[2:0]
Tcg[7:3]
Byte 7
Tc_cfg[2:0]
Tco[7:3]
Byte 8
SOT[7:0]
Byte 9
Lock[0]
Diag_cfg[2:0]
SOT_cfg[3:0]
Byte 10
Up_Clip_Lim[5:0]
Lock[2 :1]
Byte 11
Low_Clip_Lim[6:0]
Up_Clip_Lim[6]
Byte 12
Cust_ID0[7:0]
Byte 13
Cust_ID1[7:0]
Byte 14
Cust_ID2[7:0]
Byte 15
Signature[7:0]
Byte 16
A2D_Offset[0]
1V_Trim[3:0] **
Osc_Trim[2:0] **
Byte 17
JFET_cfg[0]
Update_Rate[1:0]
Output Select[1:0]
A2D_Offset[3:1]
Byte 18
Gain_B[6:0]
JFET_cfg[1]
Byte 19
Gain_B[14:7]
Byte 20
A5HEX
* SOT_cfg/Pamp_Gain
** 1V_Trim/JFET_Trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com