Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSC31015EAG1-R Datasheet HTML 17Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 18Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 19Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 20Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 21Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 22Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 23Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 24Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
© 2016 Integrated Device Technology, Inc
21
November 14, 2016
ZSC31015 Datasheet
Table 2.3
Summary of Diagnostic Features
Detected Fault
Analog
Diagnostic Level
ZACwire
TM Diagnostic
Delay in Detection
EEPROM signature
Lower
Generates parity error
10ms after power-on
Loss of bridge positive
Upper
Generates parity error
2ms
Loss of bridge negative
Upper
Generates parity error
2ms
Open bridge connection
Upper
Generates parity error
2ms
Bridge input short
Upper
Generates parity error
2ms
ExtTemp pin open
Lower
Generates parity error
300ms
ExtTemp pin shorted to PWR/GND
Lower
Generates parity error
300ms
ExtTemp pin shorted to BP/BN
†
Upper
Generates parity error
3ms
Loss of VDD
Lower
Transmissions stop
Dependent on RL and CL
Loss of VSS
Upper
Transmissions stop
Dependent on RL and CL
2.6.1.
EEPROM Integrity
The contents of the EEPROM are protected by an 8-bit LFSR signature (linear feedback shift register). This sig-
nature is regenerated and stored in EEPROM every time EEPROM contents are changed. This signature is gen-
erated and checked for a match after Power-On-Reset prior to entering Normal Operation Mode. If the generated
signature fails to match, the part will output a diagnostic state on the output.
In addition to an extensive temporal and code interlock mechanism used to prevent false writes to the EEPROM,
the ZSC31015 offers an EEPROM lock mechanism for high-security applications. When EEPROM bits 105:103
are programmed with “011” or “110,” this 3-bit field will permanently disable the VPP charge pump and will not
allow further writes to the EEPROM. See Table 2.3 in section 2.6 for more information.
2.6.2.
Sensor Connection Check
Four dedicated comparators permanently check the range of the bridge inputs (BP/BN) to ensure they are within
the envelope of 0.8V to 0.85
VDD during all conversions. The two sensor inputs have a switched ohmic path to
ground and if left floating, would be discharged. If any of the wires connecting the bridge break, this mechanism
will detect it and put the ZSC31015 in a diagnostic state. This same diagnostic feature can also detect a short
between BP/BN and the ExtTemp signal if an external diode is being used for temperature measurement. See
Table 2.3 in section 2.6 for more information.
†
A short from ExtTemp to BP/BN might not be detected in some circuit configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com