Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 1 Page - Integrated Device Technology

  ZSC31015EAG1-R Datasheet HTML 1Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 2Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 3Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 4Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 5Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 6Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 7Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 8Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
RBicdLite™ Analog Output Sensor Signal
Conditioner with Diagnostic Features
ZSC31015
Datasheet
© 2016 Integrated Device Technology, Inc
1
November 14, 2016
ZSC31015
VBP
VBN
VSS
SIG™
Vgate
0.1 F
V
supply
Ground
+2.7 to +5.5 V
OUT/OWI
VDD
Brief Description
The ZSC31015 is adjustable to nearly all piezo-
resistive bridge sensors. Measured and corrected
bridge values are provided at the SIG™ pin, which
can be configured as an analog voltage output or as
a one-wire serial digital output.
The digital one-wire interface (OWI) can be used for
a simple PC-controlled calibration procedure to prog-
ram a set of calibration coefficients into an on-chip
EEPROM. The calibrated ZSC31015 and a specific
sensor are mated digitally: fast, precise, and without
the cost overhead associated with trimming by
external devices or laser. Integrated diagnostics
functions make the ZSC31015 particularly well
suited for automotive applications.*
Features
Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity
Programmable analog gain and digital gain;
accommodates bridges with spans < 1mV/V
and high offset
Many diagnostic features on chip (e.g., EEPROM
signature, bridge connection checks, bridge short
detection, power loss detection)
Independently programmable high and low
clipping levels
24-bit customer ID field for module traceability
Internal temperature compensation reference
(no external components)
Option for external temperature compensation
with addition of single diode
Output options: rail-to-rail ratiometric analog
voltage (12-bit resolution), absolute analog
voltage, digital one-wire interface
Fast power-up to data out response; output
available 5ms after power-up
Current consumption depends on programmed
sample rate: 1mA down to 250
A (typical)
Fast response time: 1ms (typical)
High voltage protection up to 30V with
external JFET
Benefits
No external trimming components required
Simple PC-controlled configuration and
calibration via one-wire interface
High accuracy: ±0.1% FSO @ -25 to 85°C;
±0.25% FSO @ -50 to 150°C
Single-pass calibration
– quick and precise
Available Support
Evaluation Kit available
Mass Calibration System available
Support for industrial mass calibration available
Quick circuit customization possible for large
production volumes
Physical Characteristics
Wide operation temperature:
–50°C to +150°C
Supply voltage 2.7 to 5.5V; with external JFET,
5.5 to 30V
Small SOP8 package
ZSC31015 Application Circuit
* Not AEC-Q100-qualified.


Similar Part No. - ZSC31015EAG1-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSC31015EAG1-R RENESAS-ZSC31015EAG1-R Datasheet
1Mb / 53P
RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
More results

Similar Description - ZSC31015EAG1-R

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
Digital Output Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3154 ETC2-ZSSC3154 Datasheet
1Mb / 24P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
RBicLiteTM Analog Output Sensor Signal Conditioner
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3154 RENESAS-ZSSC3154 Datasheet
654Kb / 29P
Automotive Sensor Signal Conditioner with Dual Analog Output
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com