Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 22 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button ZSC31015EAG1-R Datasheet HTML 18Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 19Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 20Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 21Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 22Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 23Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 24Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 25Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
© 2016 Integrated Device Technology, Inc
22
November 14, 2016
ZSC31015 Datasheet
2.6.3.
Sensor Short Check
If a short occurs between BP/BN (bridge inputs), it would normally produce an in-range output signal and there-
fore would not be detected as a fault. This diagnostic mode, if enabled, will deliberately look for such a short. After
the measurement cycle of the bridge, it will deliberately pull the BP bridge input to ground for 4
sec. At the end of
this 4
sec window, it will check to see if the BN input “followed” it down below the 0.8V comparator checkpoint. If
so, a short must exist between BP/BN, and the part will output a diagnostic state. The bridge will have a minimum
of 480
sec recovery time prior to the next measurement. See Table 2.3 in section 2.6 for more information.
The bridge resistance must be taken into account if the Sensor Short diagnostic feature is used. At VDD= 2.7V, the
minimum bridge resistance is 0.3K
and at V
DD = 5V, the minimum bridge resistance is 0.6K.
2.6.4.
Power Loss Detection
If the power or GND connection to the module containing the sensor bridge and the ZSC31015 is lost, the
ZSC31015 will output a diagnostic state if a pull-up or pull-down terminating resistor greater than or equal to 5k
is connected in the final application. This diagnostic mode only works when the part is configured in Analog
Output Mode. See Table 2.3 in section 2.6 for more information.
2.6.5.
ExtTemp Connection Checks
When external temperature is selected and connection checking is enabled, the part performs range checking on
the converted temperature value. If the internal ADC reading of the temperature is less than 1/32 of full scale or
greater than 63/64 of full scale then a diagnostic state is asserted. If the ExtTemp pin is shorted to ground, the
ADC reads less than 1/32. Because 100µA is sourced onto the ExtTemp pin during conversions, it naturally pulls
up during these times. If the ExtTemp pin is open, it produces an ADC reading greater than 63/64 of full scale.
Both these bad connection conditions would be detected and result in a diagnostic output. If internal temperature
is selected or sensor connection check is not enabled, then this diagnostic check is not enabled. See Table 2.3 in
section 2.6 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com