Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EAG1-R Datasheet(PDF) 43 Page - Integrated Device Technology

Part # ZSC31015EAG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAG1-R Datasheet(HTML) 43 Page - Integrated Device Technology

Back Button ZSC31015EAG1-R Datasheet HTML 39Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 40Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 41Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 42Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 43Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 44Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 45Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 46Page - Integrated Device Technology ZSC31015EAG1-R Datasheet HTML 47Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
© 2016 Integrated Device Technology, Inc
43
November 14, 2016
ZSC31015 Datasheet
2
1
5
6
7
8
3
4
ZSC31015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
F
Vsupply
Ground
+5.5 to +30 V
OUT
Optional Bsink
S
D
BSS169
4.2.
Absolute Analog Voltage Output
The figure below shows an application circuit for an absolute voltage output configuration with temperature com-
pensation via internal temperature PTAT and external JFET regulation for all industry standard applications.
Figure 4.2 Absolute Analog Voltage Output
– Temperature Compensation
via Internal Temperature PTAT with External JFET Regulation
The output signal range can be one of the following options:
 0 to 1 V analog output. The absolute voltage output reference is trimmable: 1 V (+/-3 mV) in the 1 V Output
Mode via a 4-bit EEPROM field (see section 2.4.3).
 Rail-to-rail analog output. The on-chip reference for the JFET regulator block is trimmable: 5 V (±15 mV) in
the Ratiometric Output Mode via a 4-bit EEPROM field. (See section 2.4.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com