Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
40
OUTPUT MIXERS
The WM8753L provides the option to mix the Hi-FI DAC output signals and Voice DAC output signal
with analogue line-in signals from the bypass and sidetone paths. The level of the mixed-in signals
can be controlled with PGAs (Programmable Gain Amplifiers). The Mono mixer has a gain of -6dB to
allow two signals with input amplitude of 0dB to be mixed together without clipping. This may be
compensated for using the output PGAs if required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
[4:3]
LMSEL[1:0]
00
Line Mix Select:
00: LINE1 + LINE2
01: LINE1 – LINE2
10: LINE1 (LINE2 disconnected)
11: LINE2 (LINE1 disconnected)
2
MM
0
Mono Mux Select
0 : Line Mix Output
1: Rx Mix output ( RXP +/– RXN )
1
RM
0
Right Mux Select
0 : LINE2
1 : Rx Mix output ( RXP +/– RXN )
R47 (2Fh)
Input Control (1)
0
LM
0
Left Mux Select
0 : LINE1
1 : Rx Mix output ( RXP +/– RXN )
Table 30 Analogue Input to Output Mixer Bypass Signal Selection (same as Table 4)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
[7:6]
RXMSEL[1:0]
00
Differential input, Rx, mixer
00: RXP – RXN
01: RXP + RXN
10: RXP (RXN disconnected)
11: RXN (RXP disconnected)
[5:4]
MICMUX[1:0]
00
Mic Mux Sidetone Select
00 : Sidetone = Left PGA output
01 : Sidetone = Mic1 preamp output
10 : Sidetone = Mic 2 preamp output
11 : Sidetone = Right PGA output
3
LINEALC
0
ALC Mix input select Line Mix
0 : Line Mix not selected into ALC Mix
1 : Line Mix selected into ALC Mix
2
MIC2ALC
0
ALC Mix input select MIC2
0 : MIC2 not selected into ALC Mix
1 : MIC2 selected into ALC Mix
1
MIC1ALC
0
ALC Mix input select MIC1
0 : MIC1 not selected into ALC Mix
1 : MIC1 selected into ALC Mix
R48 (30h)
Input Control (2)
0
RXALC
0
ALC Mix input select RX
0 : RX not selected into ALC Mix
1 : RX selected into ALC Mix
Table 31 Analogue input to output Mixers Sidetone Signal Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com