Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
60
PMS selects Voice audio interface operation in master or slave mode. In Master mode VXCLK and
VXFS are outputs. The frequency of FS is set by the sample rate control bits SRMODE and PSR. In
Slave mode VXCLK and VXFS are inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
ADCDOP
0
ADC
data
output
to
ADCDAT
and
VXDOUT enable
0 = ADC data output to ADCDAT or
VXDOUT as selected by IFMODE[1:0]
1 = ADC data output to ADCDAT and
VXDOUT
7
VXCLKINV
0
VXCLK invert bit (for master and slave
modes)
0 = VXCLK not inverted
1 = VXCLK inverted
6
PMS
0
Voice Interface Master / Slave Mode
Control
1 = Enable Master Mode
0 = Enable Slave Mode
5
MONO
0
Mono ADC data only
1 = output left channel ADC data only
0 = output left and right ADC data
Vx DAC and ADC right, left and I
2S
modes VXCLK polarity
1 = invert VXCLK polarity
0 = normal VXCLK polarity
4
PLRP
0
Vx DAC and ADC DSP Mode – mode
A/B select
1 = MSB is available on 1
st VXCLK rising
edge after VXFS rising edge (mode B)
0 = MSB is available on 2
nd VXCLK
rising edge after VXFS rising edge
(mode A)
3:2
PWL[1:0]
10
Vx DAC and ADC Audio Data Word
Length
11 = 32 bits (see Note)
10 = 24 bits
01 = 20 bits
00 = 16 bits
R3 (03h)
Digital Voice
Audio
Interface
Format
1:0
PFORMAT[1:
0]
10
Vx DAC and ADC Audio Data Format
Select
11 = DSP Mode
10 = I
2S Format
01 = Left justified
00 = Right justified
Table 55 Audio Data Format Control
Note: Right Justified mode does not support 32-bit data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com