Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
26
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
ADC control
[6:5]
ADCPOL[1:0]
00
00 = Polarity not inverted
01 = L polarity invert
10 = R polarity invert
11 = L and R polarity invert
Table 11 ADC Polarity Control
SINGLE ENDED OPERATION
It is possible to connect up to three microphones single endedly.
Microphone1 is connected to the
MIC1 input , microphone2 to the MIC2 input, microphone3 to the MIC2N input and MIC1N is
connected to Vref. The gains, MIC1BOOST and MIC2BOOST, should be set to be identical and
micamp2 must be disabled. Any of the three microphones can then be selected as the output from
micamp1 using MICSEL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R51 (33h)
Mic Select
[7:6]
MICSEL[1:0]
00
Microphone selected
00 : MIC1
01 : MIC2
10 : MIC3
11 : unused
Table 12 MIC Select Control
MICROPHONE BIASING CIRCUIT
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Applications
Information section for recommended external components. The MICBIAS voltage can be altered via
the MBVSEL register bit.
When MBVSEL=0, MICBIAS=0.9*AVDD and when MBVSEL=1,
MICBIAS=0.75*AVDD. The output can be enabled or disabled using the MICB control bit (see also
the “Power Management” section).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
Power
Management (1)
5
MICB
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
Table 13 Microphone Bias Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R51 (33h)
Mic bias comp
control
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.75 * AVDD
Table 14 Microphone Bias Voltage Control
The internal MICBIAS circuitry is shown in Figure 8. Note that the maximum source current capability
for MICBIAS is 3mA. The external biasing resistors therefore must be large enough to limit the
MICBIAS current to 3mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com