Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
35
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
MODE3D
0
Playback/Record 3D select
0 = 3D selected for Record
1 = 3D selected for Playback
6
3DUC
0
Upper Cut-off frequency
0 = High (2.2kHz at 48kHz sampling)
1 = Low (1.5kHz at 48kHz sampling)
5
3DLC
0
Lower Cut-off frequency
0 = Low (200Hz at 48kHz sampling)
1 = High (500Hz at 48kHz sampling)
4:1
DEPTH3D[3:0]
0000
Stereo depth
0000: 0% (minimum 3D effect)
0001: 6.67%
....
1110: 93.3%
1111: 100% (maximum 3D effect)
R19 (13h)
3D enhance
0
3DEN
0
3D function enable
1: enabled
0: disabled
Table 23 3D Stereo Enhancement Function
When 3D enhancement is enabled (and/or the tone control for playback) it may be necessary to
attenuate the signal by 6dB to avoid limiting. This is a user selectable function, enabled by setting
ADCDIV2 for the record path and DACDIV2 for the playback path.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
ADCDIV2
0
ADC 6dB attenuate enable
0 = disabled (0dB)
1 = -6dB enabled
R18 (012h)
ADC and DAC
control
1
DACDIV2
0
DAC 6dB attenuate enable
0 = disabled (0dB)
1 = -6dB enabled
Table 24 ADC and DAC 6dB Attenuation Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com