Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
63
Figur
e 25 2-Wire Serial Control Interface
The WM8753L has two possible device addresses, which can be selected using the GPIO5/CSB pin.
The pin is sampled at power-up and selects the device address. After power-up the pin is available
for general purpose use in 2-wire interface mode.
GPIO5/CSB STATE
DEVICE ADDRESS
Low
0011010
High
0011011
Table 59 2-Wire MPU Interface
READ/WRITE OPERATION
The control interface of the WM8753L is a write only interface. However setting register bit READEN
in 3-wire mode will allow a status word to be read from the device. A status word consists of 8 bits.
Different status words are supported by the device, and are selected by changing the READSEL
register bits. The supported words are listed in Table 60.
In 3-wire mode an additional pin is required for serial data output from the device. This data can be
routed to the ADCDAT, GP1, GP2, GPIO3 or GPIO4 pins. The pin will be tri-state when the CSB pin
is high, allowing data from multiple sources to be connected to the same controller.
In 3-wire mode, reads and write occur simultaneously (i.e. data is clocked in and out at the same
time). Usually a read can be paired with a write, but if this is not possible it is recommended that
reads be paired with a dummy write to register R0, which is unused.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
RDDAT
0
Selects ADCDAT as SDOUT for 3-wire
readback
0 = ADCDAT not selected for readback
1 = ADCDAT selected for readback
3:1
READSEL
000
Read register select
See table Table 61 below
R24 (18h)
Read Control
0
READEN
0
Control interface read enable
0 = Control interface is write only
1 = Control interface supports read and
write.
Table 60 Control Interface Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com