Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
11
POWER CONSUMPTION
The power consumption of the WM8753L depends on the following factors.
Supply voltages: Reducing the supply voltages also reduces supply currents, and therefore results in
significant power savings.
Operating mode: Power consumption is lower in mono modes than in stereo, as one ADC / DAC /
PGA is switched OFF. It is also reduced when the device is used for playback only (ADC off) or for
recording only (DAC off). Unused outputs should be switched off (for example, when line out is not
used, do not enable the LINE outputs).
Headphone volume: At high volume, the power dissipated in the headphone itself is greater than the
power consumption of the WM8753L. High headphone volume also increases the power consumption
of the on-chip headphone drivers.
POWER CONSUMPTION
MODE DESCRIPTION
MIN
TYP
MAX
UNITS
All active (PCM, Stereo Mic, Stereo H/P Playback)
32
mW
Headphone Playback Only
36
mW
Line-Out Playback Only
36
mW
Line Record Only (0dB gain)
34
mW
Mic Record Only (29dB gain boost, ALC active)
39
mW
Standby
1.65
mW
Table 1 Power Consumption
Notes:
1.
AVDD, HPVDD, DBVDD, DCVDD = 3.3V, TA = +25oC, fs = 48kHz
2.
All channels are stereo.
3.
All figures are quiescent, with no signal.
4.
The power dissipated in the headphone itself is not included in the above table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com