Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
44
MONO1 OUTPUT
The MONO1 pin can drive a mono line output. The signal volume on MONO1 can be adjusted under
software control by writing to MONO1VOL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
MONO1VOL
[6:0]
1111001
(0dB)
MONO1 Volume
1111111 = +6dB
… (1.0 dB steps)
0110000 = -73dB
0101111
to
0000000
=
Analogue
MUTE
R44 (2Ch)
MONOOUT
Volume
7
MOZC
0
MONO1 zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
Table 37 MONO1 Volume Control
MONO2
The MONO2 pin can drive a mono line output and may be configured to output either an inverted
MONO1 output, the output from the left or right mixer or a mono mix of the left and right mixer
outputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45 (2Dh)
Output
Control
8:7
MONO2SW[1:0]
00
MONO2 Output Select
00 = inverted MONO1
01 = Left Mix / 2
10 = Right Mix / 2
11 = (Left Mix + Right Mix ) / 2
Table 38 MONO2 Output Select
OUT3 OUTPUT
The OUT3 pin can drive a 16
Ω or 32Ω headphone or a line output or be used as a DC reference for a
headphone output (see Headphone Output section). It can be selected to either drive out an inverted
ROUT2 or mono mix of the left and right mixers for e.g. an earpiece drive between OUT3 and LOUT1
or differential output between OUT3 and MONOOUT. This output is enabled by setting bit OUT3.
OUT3SW[1:0] selects the mode of operation required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45 (2Dh)
Output
Control
1:0
OUT3SW
[1:0]
00
OUT3 select
00 = VREF
01 = ROUT2 signal
(volume controlled by ROUT2VOL)
10 = (Left Mixer + Right Mixer) / 2
11 = unused
Table 39 OUT3 Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com