Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
8
Test Conditions
DCVDD = 1.5V, AVDD = HPVDD = DBVDD = SPKRVDD = PLLVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voice Digital to Analogue Converter (DAC) to Lineout (LOUT1/2, ROUT1/2, MONO1, MONO2,OUT3 with 10kΩ / 50pF
load), fs = 8kHz
Signal to Noise Ratio
(A-weighted)
SNR
A-weighted
TBD
82
dB
RLINE1/2
LINE1/2 input to output
mixer, gain = +6dB
10
k
Ω
RRXP
30
k
Ω
Input Resistance
RRXN
20
k
Ω
Total Harmonic Distortion
(Note 6)
THD
RL = 10 k
Ω
full-scale signal
-74
dB
Tone Control
Bass Boost
-6
0
+9
dB
Bass Boost Step Size
1.5dB
dB
Bass Filter Characteristic
2nd order
Treble Boost
-6
0
+9
dB
Treble Boost Step Size
1.5dB
dB
Treble Filter Characteristic
2nd order
Output Mixers (Left, Right and Mono mix)
PGA gain range into mixer
-15
+6
dB
PGA gain step into mixer
3
dB
Analogue Outputs (L/ROUT1, L/ROUT2, MONO1)
0dB full scale output voltage
AVDD/3.3
Vrms
Programmable Gain range
1kHz signal
-73
+6
dB
Programmable Gain step size
monotonic
1
dB
Mute Attenuation
1kHz, full scale signal
85
dB
Channel Separation
90
dB
Headphone Output (LOUT1/2, OUT3)
HPVDD=1.8V, RL=32
Ω
Po = 5mW
0.013
-78
%
dB
HPVDD=1.8V, RL=16
Ω
Po = 5mW
0.013
- 78
%
dB
HPVDD=3.3V, RL=32
Ω
Po = 20mW
0.01
-80
%
dB
Total Harmonic Distortion
THD
HPVDD=3.3V, RL=16
Ω
Po = 20mW
0.01
-80
%
dB
HPVDD = 3.3V
90
dB
Signal to Noise Ratio
(A-weighted)
SNR
HPVDD = 1.8V
90
dB
Speaker Output (L/ROUT2)
Po=180mW, RL=8Ω,
SPKRVDD=3.3V
-50
0.3
dB
%
Total Harmonic Distortion
THD
Po=400mW, RL=8Ω,
SPKRVDD=3.3V
-40
1
dB
%
SPKRVDD=3.3V,
RL=8Ω
90
dB
Signal to Noise Ratio
(A-weighted)
SNR
SPKRVDD=2.5V,
RL=8Ω
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com