Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
45
OUT4 OUTPUT
The OUT4 output can be used to output a buffered Vmid for driving a mono or stereo headset in
capless mode, output the signal from the record mixer or drive out an inverted LOUT2 signal. The
output mode is determined by OUT4SW[1:0]. This output is enabled by setting register bit OUT4 high.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R63 (3Fh)
Additional
Control
8:7
OUT4SW
[1:0]
00
OUT4 Output select
00 = VREF
01 = Record Mixer
10 = LOUT2 signal
(volume controlled by LOUT2VOL)
11 = unused
Table 40 OUT4SW control of OUT4
ZERO CROSS TIMEOUT
A zero-cross timeout function is also provided so that if zero cross is enabled on the input or output
pgas the gain will automatically update after a timeout period if a zero cross has not occurred. This is
enabled by setting TOEN. The timeout period is dependent on the clock input to the digital and is
equal to 2
21 * input clock period. The timeout clock may be set to be derived from either the mclk or
pcmclk using SLWCLK..
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
Additional
Control
0
TOEN
0
Timeout clock enable
0 = timeout clock disabled
1 = timeout clock enabled
R52 (34h)
Clock Control
0
SLWCLK
0
Timeout and Headphone switch clock
source
0 = mclk
1 = pcm clk
Table 41 Timeout Clock Controls
ENABLING THE OUTPUTS
Each analogue output of the WM8753L can be separately enabled or disabled. The analogue mixer
associated with each output is powered on or off along with the output pin. All outputs are disabled by
default. To save power, unused outputs should remain disabled.
Outputs can be enabled at any time, except when VREF is disabled (VR=0), as this may cause pop
noise (see “Power Management” and “Applications Information” sections)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LOUT1
0
LOUT1 Enable
7
ROUT1
0
ROUT1 Enable
6
LOUT2
0
LOUT2 Enable
5
ROUT2
0
ROUT2 Enable
4
OUT3
0
OUT3 Enable
3
OUT4
0
OUT4 Enable
2
MONO1
0
MONO1 Enable
R22 (16h)
Power
Management
(3)
1
MONO2
0
MONO2 Enable
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 42 Analogue Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com