Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/V Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8753LEB/V
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/V Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8753LEB/V Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
24
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Additional
Control (1)
8:7
DATSEL
[1:0]
00
00: left data = left ADC; right data = right ADC
01: left data = left ADC; right data = left ADC
10: left data = right ADC; right data = right ADC
11: left data = right ADC; right data = left ADC
Table 8 ADC Data Output Configuration
MICROPHONE INPUTS
MIC1N
MIC1
vmid
MICAMP1EN
vmid
MIC2
MIC2N/
MIC3
vmid
MICAMP2EN
amp1out
amp2out
micamp1
vmid
micamp2
Figure 6 Internal Microphone Input Circuit
There are two microphone pre-amplifiers which can be configured in a variety of ways to
accommodate up to 3 single ended or 2 differential microphone inputs. The microphone input circuit
is shown in Figure 6.
Each microphone preamplifier has a separate enable bit, MICAMP1EN and MICAMP2EN. The gain
for each preamp can be set independently using MIC1BOOST and MIC2BOOST.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
MICAMP1EN
0
Microphone amplifier 1 enable
0 = Mic1 amp disabled
1 = Mic1 amp enabled
R21 (15h)
7
MICAMP2EN
0
Microphone amplifier 2 enable
0 = Mic2 amp disabled
1 = Mic2 amp enabled
Table 9 Mic Preamp Enables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com