Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 10 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 10 Page - PULS GmbH

Back Button PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH PAS395 Datasheet HTML 10Page - PULS GmbH PAS395 Datasheet HTML 11Page - PULS GmbH PAS395 Datasheet HTML 12Page - PULS GmbH PAS395 Datasheet HTML 13Page - PULS GmbH PAS395 Datasheet HTML 14Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
10-14
11
EMC
EMC Immunity
Generic standards: EN 61000-6-1 and EN 61000-6-2
Electrostatic discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-2.7GHz
20V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
Output lines
Signal lines
4kV
4kV
2kV
Criterion A
Criterion A
Criterion A
Surge voltage on input
EN 61000-4-5
EN 61400-24
L  N
L  N
2kV
LPZ 2
Criterion A
EN 61000-4-5
EN 61400-24
L  PE
L  PE
4kV
LPZ 2
Criterion A
Surge voltage on output
EN 61000-4-5
EN 61400-24
+  -
+  -
1kV
LPZ 2
Criterion A
EN 61000-4-5
EN 61400-24
+ / -  PE
+ / -  PE
4kV
LPZ 2
Criterion A
Surge voltage on signals
EN 61000-4-5
EN 61400-24
signal  PE
signal  PE
1kV
LPZ 2
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
20V
Criterion A
Mains voltage dips
EN 61000-4-11
0% of 220Vac (=0V)
40% of 220Vac (=88V)
70% of 220Vac (=154V)
20ms
200ms
500ms
Criterion A
Criterion C *)
Criterion A
Voltage interruptions
EN 61000-4-11
0% of 220Vac (=0V)
5000ms
Criterion C
Powerful transients
VDE 0160
over entire load range
750V, 1.3ms
see note M
Criterions:
A:
Power supply shows normal operation behavior within the defined limits.
C:
Temporary loss of function is possible. Power supply may shut-down and restarts by itself. No damage or hazards for the
power supply will occur.
*) signal status and LED will remain appropriate (= Criterion A)
Note M: The protection circuit switches off the converter for approx. 2 seconds, which is not considered to be a problem for the
charging process.
EMC Emission
Generic standards: EN 61000-6-4
Conducted emission
EN 55011, EN 55022, FCC Part 15, CISPR 11,
CISPR 22
Input lines:
Class A
Signal lines:
Class A
Radiated emission
EN 55011, EN 55022
Class A
Harmonic input current
EN 61000-3-2
Class A fulfilled (active PFC)
Voltage fluctuations, flicker EN 61000-3-3
fulfilled
*)
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
*)
Tested with constant current loads, non pulsing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com