Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 1 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 1 Page - PULS GmbH

  PAS395 Datasheet HTML 1Page - PULS GmbH PAS395 Datasheet HTML 2Page - PULS GmbH PAS395 Datasheet HTML 3Page - PULS GmbH PAS395 Datasheet HTML 4Page - PULS GmbH PAS395 Datasheet HTML 5Page - PULS GmbH PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
1-14
Charger for EDLC Capacitors (Ultra-Caps)
PAS395
Revision: 3.1
Specification
Prepared: Michael Raspotnig, PULS GmbH
2013/01/19
Content:
1
Functional Description
2
2
Typical Wiring Scheme
3
3
Functional Diagram
3
4
Performance Description
4
5
General Data
6
6
Charging Performance
6
7
Signals, LEDs
7
8
LEDs and Relay Contacts Pattern
8
9
Environment
8
10
Dielectric Strength, Isolation, Leakage Current
9
11
EMC
10
12
Protection Features
11
13
Mechanical Dimensions
12
14
Terminals and Wiring
13
15
Cooling
14
16
Approvals
14


Similar Part No. - PAS395

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
PAS3010EF-281 TAI-TECH-PAS3010EF-281 Datasheet
148Kb / 1P
Telecoil-antennas Inductors
PAS3010EV-281M TAI-TECH-PAS3010EV-281M Datasheet
108Kb / 1P
Telecoil-antennas Inductors
PAS3012EF-681 TAI-TECH-PAS3012EF-681 Datasheet
148Kb / 1P
Telecoil-antennas Inductor
PAS3012EV TAI-TECH-PAS3012EV Datasheet
108Kb / 2P
Telecoil-antennas Inductor
PAS3012EV-501M TAI-TECH-PAS3012EV-501M Datasheet
108Kb / 2P
Telecoil-antennas Inductor
More results

Similar Description - PAS395

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
B32560 SIEMENS-B32560 Datasheet
634Kb / 16P
Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC Datasheet
590Kb / 1P
END CAPS
QSEC QUALTEK-QSEC_13 Datasheet
763Kb / 1P
END CAPS
logo
Schurter Inc.
0031.1812 SCHURTER-0031.1812 Datasheet
178Kb / 1P
Caps for Holder FEU (Grip)
logo
Wurth Elektronik GmbH &...
726144001 WURTH-726144001 Datasheet
162Kb / 2P
Plastic Caps for USB Connectors WA-PCCA
726144003 WURTH-726144003 Datasheet
160Kb / 2P
Plastic Caps for USB Connectors WA-PCCA
logo
Murata Manufacturing Co...
DMHA14R5V353M4ATA0 MURATA-DMHA14R5V353M4ATA0 Datasheet
579Kb / 10P
Supercapacitor (EDLC)
logo
TDK Electronics
EDLC381420-501-2F-70 TDK-EDLC381420-501-2F-70 Datasheet
98Kb / 1P
Electric Double-Layer Capacitors (EDLC / Supercapacitors)
EDLC302520-501-2F-11 TDK-EDLC302520-501-2F-11 Datasheet
126Kb / 1P
Electric Double-Layer Capacitors (EDLC / Supercapacitors)
logo
Schurter Inc.
0031.1667 SCHURTER-0031.1667_V02 Datasheet
255Kb / 2P
Caps Fingergrip for Holder FEU, FAU, FAC
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com