Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 7 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 7 Page - PULS GmbH

Back Button PAS395 Datasheet HTML 3Page - PULS GmbH PAS395 Datasheet HTML 4Page - PULS GmbH PAS395 Datasheet HTML 5Page - PULS GmbH PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH PAS395 Datasheet HTML 10Page - PULS GmbH PAS395 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
7-14
7
Signals, LEDs
Inhibit Input:
A signal voltage of at least 18V on the inhibit input terminal stops
the charging mode. Safety features are not included.
The input is galvanically isolated by an optocoupler.
Typ. signal current; 4.2mA at 18V and 5.4mA at 24V.
Output-OK Relay Contact:
This relay contact closes (normally-open-contact) when the
charger works properly and no internal faults or abnormal
conditions are present.
The contact is open when:
- the inhibit input is active or
- the over-temperature protection is activated or
- during overload or short-circuit conditions or
- when the over-voltage protection circuit has triggered.
Contact ratings: max. 30Vdc, 0.5A resistive load
min. 1mA at 5Vdc (minimum permissible load)
Fully-charged Relay Contact:This relay contact closes (normally-open-contact) when the end-
of-charge voltage is achieved.
Contact ratings: max. 30Vdc, 0.5A resistive load
min. 1mA at 5Vdc (minimum permissible load)
Input-OK LED:
This green LED is on, when input voltage is higher than 150Vac.
Output-OK LED:
This green LED is synchronized with the Output-OK relay contact.
The LED is on when the relay contact is closed.
Fully-charged LED:
This green LED is off during charging and is on when the end-of-
charge voltage is achieved. The LED is flashing when the unit
enters the over-voltage protection level area (charger has
switched off and makes start-up attempts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com