Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 9 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 9 Page - PULS GmbH

Back Button PAS395 Datasheet HTML 5Page - PULS GmbH PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH PAS395 Datasheet HTML 10Page - PULS GmbH PAS395 Datasheet HTML 11Page - PULS GmbH PAS395 Datasheet HTML 12Page - PULS GmbH PAS395 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
9-14
10
Dielectric Strength, Isolation, Leakage Current
The output is floating and has no ohmic connection to the ground.
The following type and factory tests are conducted by the manufacturer. The test duration is 60s
for type tests and 5s for the factory tests.
Type- & Factory Tests
Output
PE
Signal Pins
Input
2.5kVac
2.5kVac
3.0kVac
Output
2.5kVac
3.0kVac
PE
500Vac
Field tests may be conducted in the field using the appropriate test equipment which applies the
voltage with a slow ramp (2s up and 2s down). Prior to the field test, special treatment of the
unit may be necessary. Connect all input-terminals together as well as all output poles before
conducting the test. When testing, set the cut-off current settings of the test equipment to a
value larger or equal than 10mA. Optionally, a DC test voltage can be applied too. In such
cases, multiply the AC test voltages with the factor 1.41.
The test duration for field tests should not exceed 10s, since every high-pot test adds
extraordinary stress to the unit.
Field Tests
Output
PE
Signal Pins
Input
2kVac
2kVac
2.5kVac
Output
2kVac
2.5kVac
PE
500Vac
Isolation resistance
Input to output: 200MOhm (measured with 500Vdc)
Input to PE (earth): 200MOhm (measured with 500Vdc)
Output to PE (earth): 100MOhm (measured with 500Vdc)
Leakage Current:
max. 1.5mA (measured one minute after turning on the unit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com