Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 11 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 11 Page - PULS GmbH

Back Button PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH PAS395 Datasheet HTML 10Page - PULS GmbH PAS395 Datasheet HTML 11Page - PULS GmbH PAS395 Datasheet HTML 12Page - PULS GmbH PAS395 Datasheet HTML 13Page - PULS GmbH PAS395 Datasheet HTML 14Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
11-14
12
Protection Features
The output is short-circuit, overload and no-load proof. After removing the fault, an auto-restart
will be performed.
Over- temperature protection:
A temperature sensor monitors the internal temperature of a semiconductor. If the temperature
rises above a certain level, the fan will be turned on. If the temperature keeps rising, the output
will switch off in order to protect the charger. The output will automatically turn on again as soon
as the temperature decreases by 5°C. The “Output-OK” LED will be off and the “Output-OK”
contact will be open when the over-temperature protection is active.
Output over- voltage protection (OVP) circuit:
In case of an internal power supply defect, a redundant circuit limits the maximum voltage on
the output terminals. If the fault has not removed within 2.5s, the “Output-OK” LED will be
turned off and the “Output-OK” contact will open.
Overload and short-circuit protection:
An overload or short circuit on the output will be recognized by the slew-rate of the voltage
change on the output. If the output does not reach typ. 40Vdc within 130s after starting to
charge, the charger will stop and will make a pause of 110s before a new charging cycle starts.
These cycles continue until the fault has been removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com