Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 8 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 8 Page - PULS GmbH

Back Button PAS395 Datasheet HTML 4Page - PULS GmbH PAS395 Datasheet HTML 5Page - PULS GmbH PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH PAS395 Datasheet HTML 10Page - PULS GmbH PAS395 Datasheet HTML 11Page - PULS GmbH PAS395 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
8-14
8
LEDs and Relay Contacts Pattern
Input-OK
LED
Output-OK
LED
Fully charged
LED
Output OK
Contact*)
Fully charged
Contact
Capacitors in charging mode
ON
ON
OFF
closed
open
Capacitors fully charged
ON
ON
ON
closed
closed
Inhibit input activated
ON
OFF
OFF ***)
open
open***)
Capacitor does not permit charging
(e.g. short circuit across output)
ON
typ. ON 130s
OFF110s…
OFF
typ. ON 130s
OFF110s…
open
No capacitor connected
ON
ON
ON
closed
closed
Over-temperature shut-down (OTP)
ON
OFF
according to the
state-of-charge
open
according to the
state of charge
Over-voltage protection activated (OVP)
ON
OFF **)
flashing
open **)
closed
Input voltage < 150V
OFF
OFF
OFF
open
open
*)
The Output-OK contact is synchronized with the Output-OK Led.
**)
Short single pulses will be suppressed in order to avoid a false triggering of the OVP.
***) delayed by a couple of seconds
9
Environment
Operational Temp. Range: -40°C to +65°C
Storage Temp. Range:
-55°C to +85°C
Humidity:
10 – 90% r.H.
Do not energize while condensation is present
Altitude:
0 to 6000m above sea level
Overvoltage Category
III up to 2000m altitude
II up to 6000m altitude
according to IEC 62103, EN 50178
Degree of pollution
2 (IEC 62103, EN 50178, not conductive)
Shock
According to IEC 60068-2-27
20g 11ms, 3 bumps / direction, 18 bumps in total
30g 6ms, 3 bumps / direction, 18 bumps in total
Vibration sinusoidal
According to IEC 60068-2-6
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g, 2 hours / axis
Vibration random
According to IEC 60068-2-64
10-500Hz: 0.5 m²/s³
Test duration: 120 minutes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com