Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 12 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 12 Page - PULS GmbH

Back Button PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH PAS395 Datasheet HTML 10Page - PULS GmbH PAS395 Datasheet HTML 11Page - PULS GmbH PAS395 Datasheet HTML 12Page - PULS GmbH PAS395 Datasheet HTML 13Page - PULS GmbH PAS395 Datasheet HTML 14Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
12-14
13
Mechanical Dimensions
Dimensions:
310 x 158 x 80mm (L x W x H)
Weight:
approx. 2.3kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com