Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 5 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 5 Page - PULS GmbH

  PAS395 Datasheet HTML 1Page - PULS GmbH PAS395 Datasheet HTML 2Page - PULS GmbH PAS395 Datasheet HTML 3Page - PULS GmbH PAS395 Datasheet HTML 4Page - PULS GmbH PAS395 Datasheet HTML 5Page - PULS GmbH PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
5-14
Output Ripple-Voltage:
Without connected capacitor bank:
typ. 6Vpp , max. 10Vpp
With connected capacitor bank:
negligible
Output Current Ripple:
During charging: typ. 150mApp , max. 300mApp
Output Return Current:
Max. 1mA (discharge current when charger is not working)
Procedure for Setting the End-of-Charge” Voltage:
Setting the end-of-charge voltage shall be done in a laboratory. The
output shall be open (not loaded, no capacitor needed). The output
voltage (end-of-charge voltage) shall be measured with a digital
voltmeter.
Factory setting of the end-of-charge voltage is 410Vdc and the OVP
level is 10V higher. Changing of these values can be done
according to the following examples:
Example 1:
Setting the end-of-charge voltage to 420V and OVP to 430V
Step 1: Push the “OVP disable / enable” button to disable the OVP.
The red LED will start and keep flashing for two minutes. For this
period of time the end-of-charge voltage can be set without
triggering the OVP. Ensure that the unit is not in OVP mode before
starting with step 1.
Step 2: Set the end-of-charge voltage to 420V
Step 3: Push the “OVP disable / enable” button again to set the
OVP voltage 10V higher than the end-of-charge voltage(= 430Vdc).
Red LED will go off.
done
Example 2:
Setting the end-of-charge voltage to 430V and OVP to 450V
Step 1: Push the “OVP disable / enable” button to disable the OVP.
The red LED will start and keep flashing for two minutes. For this
period of time the end-of-charge voltage can be set without
triggering the OVP.
Step 2: Set the end-of-charge voltage to 440V
Step 3: Push the “OVP disable / enable” button again to set the
OVP voltage 10V higher than the end-of-charge voltage(= 450Vdc).
Red LED will go off.
Step 4: Set the end-of-charge voltage to 430V (without pushing the
button)
done



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com