Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 4 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 4 Page - PULS GmbH

  PAS395 Datasheet HTML 1Page - PULS GmbH PAS395 Datasheet HTML 2Page - PULS GmbH PAS395 Datasheet HTML 3Page - PULS GmbH PAS395 Datasheet HTML 4Page - PULS GmbH PAS395 Datasheet HTML 5Page - PULS GmbH PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
4-14
4
Performance Description
4.1
Input
Input Voltage:
AC 220-240V -20%/+10% (176 to 264Vac)
Turn-on Voltage
typ. 164Vac
Shut-down Voltage
typ. 151Vac
Input Current:
typ. 5.2A (at 230Vac and 1000W output power)
Input Frequency:
50-60Hz ±6%
Power Factor:
> 0.9
Inrush Current:
< 10A peak (active limited, temperature independent)
4.2
Output
End-of-Charge Voltage:
Adjustable:
360-460Vdc (output voltage)
Factory setting: 410Vdc
OVP voltage:
370-470Vdc; auto setting (OVP = Output over-voltage protection)
The OVP voltage automatically adjusts to 10V higher then the end-
of-charge voltage after following the procedure for setting the end-
of-charge voltage.
Testing the OVP level: Tune the end-of charge-voltage
potentiometer clockwise until the “Fully Charged” LED starts
flashing. This indicates the OVP level.
Output Current:
min. 2.5A at 400Vdc end-of-charge voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com