Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS395 Datasheet(PDF) 2 Page - PULS GmbH

Part # PAS395
Description  Charger for EDLC Capacitors (Ultra-Caps)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PAS395 Datasheet(HTML) 2 Page - PULS GmbH

  PAS395 Datasheet HTML 1Page - PULS GmbH PAS395 Datasheet HTML 2Page - PULS GmbH PAS395 Datasheet HTML 3Page - PULS GmbH PAS395 Datasheet HTML 4Page - PULS GmbH PAS395 Datasheet HTML 5Page - PULS GmbH PAS395 Datasheet HTML 6Page - PULS GmbH PAS395 Datasheet HTML 7Page - PULS GmbH PAS395 Datasheet HTML 8Page - PULS GmbH PAS395 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
This document is proprietary. Any dispatch or disclosure of content is authorized only after written authorization by PULS GmbH.
All parameters are specified at 400V, 2.5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
Specification: SP-PAS395 Rev: 3.1
Date: 2013/01/19
2-14
1
Functional Description
-
The charger is designed to charge EDLC (electrical double layer capacitors commonly
known as Ultracaps, Supercaps or Greencaps) with a constant current – constant voltage
characteristic (float charge mode).
-
The charger is suitable to be used in a permanently spinning rotor-hub of a wind turbine.
-
The charger is suitable for flange mounting. Any mounting orientation is allowed.
-
Most of the heat will be conducted through the base-plate of the charger. A good thermal
connection to the cabinet or an external heatsink can improve the MTBF and life time
expectancy.
-
The charger is equipped with an internal fan which turns on when necessary.
-
The charger comprises an internal diode in series to the positive output voltage path in
order to protect against back-feeding voltages.
-
The input-, output and signal terminals are pluggable. Hot-swap ability is not supported.
-
A voltage applied on the inhibit terminal stops the charging mode.
-
The charger contains a “Fully-Charged” and an “Output-OK” relay contact.
-
A redundant control circuit monitors the end-of-charge voltage and switches the charger
off in case of a too high voltage. After such an event, automatic start attempts occur until
the failure is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com