Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS7410
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS7410 Datasheet HTML 7Page - Cirrus Logic CS7410 Datasheet HTML 8Page - Cirrus Logic CS7410 Datasheet HTML 9Page - Cirrus Logic CS7410 Datasheet HTML 10Page - Cirrus Logic CS7410 Datasheet HTML 11Page - Cirrus Logic CS7410 Datasheet HTML 12Page - Cirrus Logic CS7410 Datasheet HTML 13Page - Cirrus Logic CS7410 Datasheet HTML 14Page - Cirrus Logic CS7410 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
CS7410
DS553PP1
11
1.1.4.2
Serial Interface
Symbol
Description
Min
Typ
Max
Unit
tclk_per
Clock period
66
ns
tDMs
Master-mode data setup
28
ns
tDMh
Master-mode data hold
28
ns
tDSs
Slave-mode data setup
15
ns
tCMs
Master chip select to clock setup
28
ns
tDSh
Slave mode data hold
0
ns
Table 2. Serial Interface Characterization Data
SER2_CLK
(CPOL=0)
SER2_CLK
(CPOL=1)
SER2_DO
(master)
SER2_DI
(slave)
SER2_CS
MSB
LSB
LSB
MSB
t
clk_per
t
DMs
t
DMh
t
DSs
t
DSh
t
CMs
Figure 6. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com