Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS7410
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS7410 Datasheet HTML 8Page - Cirrus Logic CS7410 Datasheet HTML 9Page - Cirrus Logic CS7410 Datasheet HTML 10Page - Cirrus Logic CS7410 Datasheet HTML 11Page - Cirrus Logic CS7410 Datasheet HTML 12Page - Cirrus Logic CS7410 Datasheet HTML 13Page - Cirrus Logic CS7410 Datasheet HTML 14Page - Cirrus Logic CS7410 Datasheet HTML 15Page - Cirrus Logic CS7410 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
CS7410
12
DS553PP1
1.1.4.3
EDO DRAM interface
Note:Values shown are for minimum internal clock period (11ns) and all programmed wait states enabled.
Symbol
Description
Min
Typ
Max
Unit
tRAS
RAS low time
72
ns
tRP
RAS high pulse time
40
ns
tRCL
RAS fall to CAS fall
38
ns
tCAS
CAS low time
30
ns
tCPN
CAS high time
15
ns
tCAH
CAS fall to address row
29
ns
tASR
Address row to RAS fall
10
ns
tRAH
RAS fall to address column
18
ns
tASC
second address column (burst) to CAS fall 10
ns
tAA
Column address to data setup
35
ns
tCAC
CAS fall to data setup
17
ns
tCSR
CAS fall to RAS fall
19
ns
tCHR
RAS fall to CAS rise
18
ns
tCRH
CAS rise to RAS rise
6
ns
tWDS
Write data setup to CAS fall
12
ns
tWDH
Write data hold to CAS fall
29
ns
tWS
Write enable setup to CAS fall
13
ns
tWH
Write enable hold to CAS fall
20
ns
tROE
RAS fall to OE fall
-5
5
ns
tOER
RAS rise to OE rise
-5
5
ns
tDCH
Read data hold to CAS rise
0
ns
Table 3. EDO DRAM Characterization Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com