Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS7410
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS7410 Datasheet HTML 18Page - Cirrus Logic CS7410 Datasheet HTML 19Page - Cirrus Logic CS7410 Datasheet HTML 20Page - Cirrus Logic CS7410 Datasheet HTML 21Page - Cirrus Logic CS7410 Datasheet HTML 22Page - Cirrus Logic CS7410 Datasheet HTML 23Page - Cirrus Logic CS7410 Datasheet HTML 24Page - Cirrus Logic CS7410 Datasheet HTML 25Page - Cirrus Logic CS7410 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
CS7410
22
DS553PP1
sor communication
•
Three 32-bit timers for I/O and other uses, with
programmable interval rates
•
“Getbits” module accelerates peripheral stream
parsing
•
Both hardware and software interrupts on data
or debug
2.2.4
Memory System
•
Large internal SRAM (80 Kbyte) and internal
program ROM (256 Kbyte)
•
Supports both Synchronous and EDO DRAM
(256 KBytes to 8 MBytes) for ESP
•
Supports one bank of FLASH and ROM (up to
2 MBytes) for nonvolatile storage
•
4-, 8-, or16-bit data bus for DRAM, 8-bit data
bus for ROM
2.2.5
CD Interface
•
Glueless interfaces to CD servo chip set, sup-
porting all standard CD formats
•
Includes pattern matching hardware to support
fast ESP recovery
2.2.6
Audio Interface
•
Supports 4 channels PCM, I2S connectivity at
up to 24 bits
•
Flexible audio clocking scheme using internal
PLL and dividers, or external pins
•
Simultaneous IEC-958 output with program-
mable channel status and user data
•
Integrated sigma-delta (
∆Σ) stereo audio mod-
ulator
2.2.7
External Interface
•
2-wire serial slave port, used for debug
•
3- or 4-wire synchronous serial master/slave
port for external controller or slave peripheral
•
Separate synchronous serial master port opti-
mized for receiving CD sub-codes
•
Up to 29 programmable bi-directional I/O
(GPIO) and up to 9 output only (GPO) pins
(some multiplexed with other peripherals)
•
All pins defined as GPIOs can be used to re-
ceive edge or level detection interrupts.
•
Pulse-width modulated (PWM) output pin can
be used to create simple ADC using low-cost
comparator (i.e., for battery voltage monitor)
2.2.8
System Functions
•
Internal oscillator uses external crystal, or re-
ceives clock (i.e. 16.9 MHz) from CD servo
•
Internal PLL generates any system clock fre-
quency, chip can run up to 90 MHz
•
Includes clock divider and clock shutoff cir-
cuits for low power/sleep modes
•
Advanced 0.18 micron CMOS technology,
runs off 1.8 V and 3.3 V
•
All I/O pins are 3.3 V, with 5 V tolerance
•
100-pin MQFP package
•
100-pin LQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com